Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 186 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 186 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 182Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 183Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 184Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 185Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 186Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 187Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 188Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 189Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 190Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
186
www.national.com
11.5.6
Voltage Event to IRQ Register 0 (VEVIRQ0)
This register is one of two registers that controls event routing to IRQ.
Location:
Offset 04h
Type:
R/W
11.5.7
Voltage Event to IRQ Register 1 (VEVIRQ1)
This register is one of two registers that controls routing to IRQ.
Location:
Offset 05h
Type:
R/W
Bit
76543210
Name
VSB Event
to IRQ
Enable
AVI6 Event
to IRQ
Enable
AVI5 Event
to IRQ
Enable
AVI4 Event
to IRQ
Enable
AVI3 Event
to IRQ
Enable
AVI2 Event
to IRQ
Enable
AVI1 Event
to IRQ
Enable
AVI0 Event
to IRQ
Enable
Reset
00000000
Bit
Description
7
VSB Event to IRQ Enable
0: Disabled (default)
1: Enabled
6-0 AVI6-0 Event to IRQ Enable
0: Disabled (default)
1: Enabled
Bit
765432
1
0
Name
Reserved
TMS3
Event to
IRQ Enable
TMS2
Event to
IRQ Enable
TMS1
Event to
IRQ Enable
AVDD Event
to IRQ
Enable
VBAT Event
to IRQ
Enable
VDD Event
to IRQ
Enable
Reset
0
00000
0
0
Bit
Description
7-6 Reserved
5
TMS3 Event to IRQ Enable
0: Disabled (default)
1: Enabled
4
TMS2 Event to IRQ Enable
0: Disabled (default)
1: Enabled
3
TMS1 Event to IRQ Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com