Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 182 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 182 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 178Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 179Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 180Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 181Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 182Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 183Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 184Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 185Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 186Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
182
www.national.com
11.5 VLM REGISTERS
The register maps in this chapter use the following abbreviations for Type:
• R/W = Read/Write
• R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
• W=Write
• RO = Read Only
• R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
11.5.1
VLM Register Map
Table 50. VLM Control and Status Register Map
Table 51. VLM Channel Register Map (One per Channel)
Offset
Mnemonic
Register Name
Type
Section
00h
VEVSTS0
Voltage Event Status 0
RO
11.5.2
01h
VEVSTS1
Voltage Event Status 1
RO
11.5.3
02h
VEVSMI0
Voltage Event to SMI 0
R/W
11.5.4
03h
VEVSMI1
Voltage Event to SMI 1
R/W
11.5.5
04h
VEVIRQ0
Voltage Event to IRQ 0
R/W
11.5.6
05h
VEVIRQ1
Voltage Event to IRQ 1
R/W
11.5.7
06h
VID
Voltage ID
Varies per bit
11.5.8
07h
VCNVR
Voltage Conversion Rate
R/W
11.5.9
08h
VLMCFG
VLM Configuration
R/W
11.5.10
09h
VLMBS
VLM Bank Select
R/W
11.5.11
Offset
Mnemonic
Register Name
Type
Section
0Ah
VCHCFST
Voltage Channel Configuration and Status
Varies per bit
11.5.12
0Bh
RDCHV
Read Channel Voltage
RO
11.5.13
0Ch
CHVH
Channel Voltage High Limit
R/W
11.5.14
0Dh
CHVL
Channel Voltage Low Limit
R/W
11.5.15
0Eh
OTSL
Overtemperature Shutdown Limit
R/W
11.5.16
0Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com