Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 176Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 177Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 178Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 179Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 180Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 181Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 182Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 183Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
180
www.national.com
ALERT Response Read Sequence
When the VLM activates its ALERT output, the host should respond by reading the VEVSTS0 and VEVSTS1 registers. It
should then access the register of each of the channels that has its respective bit set and clear the HIGHV and LOWV status
bits by writing 1 to each of them.
11.2.4
Power-On Reset Default States
VLM power-on default conditions are:
• All registers are loaded with their default values.
• The ALARM output, IRQ, and SMI are disabled.
11.2.5
Standby Mode
Standby mode is enabled by setting the Standby Mode Enable bit in the VLMCFG register. Standby mode reduces power
supply current by disabling new measurements, but register values are retained and the registers can be accessed by soft-
ware (as usual).
11.3 ANALOG SUPPLY CONNECTION
11.3.1
Recommendations
Power is supplied to the analog parts of the A/D Converter through two dedicated analog power pins: AVDD and AVSS. This
ensures effective isolation of the analog parts from noise caused by the digital parts. The digital parts of the VLM are supplied
via VSB. To obtain the best performance, bear in mind the following recommendations (see also details in Figure 37).
Ground Connection. The analog ground pin, AVSS, should be connected at only one point to the digital ground pins. At this
point, the following ground connections should also be made:
• The decoupling capacitors of the analog supply AV
DD pin
• The reference voltage V
REF pin
• The four digital supply V
SB pins
• The ground reference of the input signals to the A/D Converter.
Low impedance ground layers also improve noise isolation.
Power Connection. The analog supply pin, AVDD, should be connected to a low noise power supply, 3.3V. It is recommend-
ed to supply the AVDD pin through an external LC or RC filter. An example of an RC filter [R1 and (C2+C3)] is shown in
Figure 37.
Decoupling Capacitors. The following decoupling capacitors should be used:
• Digital V
SB: Place one capacitor of 0.1 µF on each VSB pin, as close as possible to the pin (4 x C4). Also, place one 10-
47
µF tantalum capacitor (C
5) on the common net, as close as possible to the chip.
• Analog AV
DD: Place a 0.1 µF capacitor and a 10-47 µF tantalum capacitor on the AVDD pins (C3 and C2), as close as
possible to the pin.
• V
REF: Place a low leakage, non-polarized, 0.47 µF capacitor (C1) as close as possible to the VREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com