Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 177Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 178Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 179Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 180Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 181Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 182Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 183Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 184Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
181
www.national.com
.
Figure 37. Analog Power Supply
11.3.2
Reference Voltage
Analog input voltage is measured relative to 2.45*VREF.VREF may be either internal or external. When an internal VREF is
used, a capacitor should be connected between the VREF pin and AVSS. The VREF default setting is for external. This default
prevents contention between the internal and external VREF.
Note that the VREF setting is common to both the VLM and the TMS modules. If either of these modules is configured to use
internal reference voltage, the internal reference voltage is used by both modules.
11.4 REGISTER BANK OVERVIEW
The VLM uses register banks to enable host access to its registers. The VLM has 10 common registers, in addition to 5
registers which are located in each of the 13 banks. The common registers include configuration and status information com-
mon to all the channels. Each of the banks is associated with one channel and holds its readout, configuration and status
information. All registers use the same 16-byte address space to indicate offsets 00h through 0Fh. The active bank must be
selected by the software.
The VLM Bank Selection (VLMBS) register, common to all banks, selects the active banks. See Figure 38. The default bank
selection after system reset is 0.
Figure 38. Register Bank Architecture
GND
Digital Ground Layer
Power
Analog
AVDD
C4 0.1
C3 0.1
AVSS
Analog Ground Layer
Power
Supply
R1
+
10
Ω
C2
AD0
AD6
AD0
AD6
C5
22
+
22
VIN
µF
µF
µF
µF
3.3 V
VREF
VREF
C1
0.47
µF
VREF
VSB
Offset 0Bh
Offset 0Eh
Offset 0Fh
VLMBS (09h)
Common
Registers
All Banks
Offset 0Ah
BANK 1
BANK 0
Offset 08h
.
Offset 00h
.
.
for
}
BANK 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com