Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 172Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 173Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 174Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 175Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 176Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 177Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 178Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 179Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 240 page
background image
10.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
176
www.national.com
10.4 MIDI PORT BITMAP
Register
Bits
Offset
Mnemonic
76543210
00h
MDI
Data In
00h
MDO
Data Out
01h
MSTAT
Rx Buffer
Empty
Tx Buffer
Full
Rx Buffer
Full
MIDI Port
Operation
Mode
Rx
Overrun
Error
Tx FIFO
Empty
Reserved
01h
MCOM
Command Byte
02h
MCNTL
Loopback
Mode
Enable
MIDI Thru
Enable
Reserved
Pass-
Thru
Transmit
Enable
Rx Data
Ready
Interrupt
Enable
MDTX
Pin
Masking
Enable
Tx Buffer
Empty
Interrupt
Enable
Rx FIFO
Enable for
Pass-
Thru
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com