Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 168Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 169Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 170Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 171Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 172Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 173Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 174Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 175Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 240 page
background image
10.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
172
www.national.com
10.2.9
Enhanced MIDI Port Features
The MIDI Port supports the following modes/operations, which are not part of the Legacy definition of the MIDI Port:
q
Transmit in Pass-Thru
q
Loopback mode
q
MIDI Thru
q
MDTX pin masking
Transmit in Pass-Thru. When the MIDI Port is operated in Pass-Thru mode, transmit is disabled by default. To enable it,
write 1 to bit 4 of the MCNTL register.
Loopback Mode. The MIDI serial data transmit signal is routed internally to the MIDI serial data receive signal. This causes
all the data transmitted by the MIDI Port to also be received. Loopback mode can be used as a mode for testing the MIDI
Port or its software. To enable it, write 1 to bit 7 of the MCNTL register.
MIDI Thru. The MIDI serial data receive signal is routed internally to the MIDI serial data transmit signal. This causes any
incoming stream of pulses received via the MDRX pin to be driven immediately on the MDTX pin. This feature allows the
MIDI Port to be connected as a link in a chain of several MIDI devices. In parallel to routing the MIDI receive signal to the
MIDI transmit signals, the incoming serial data is also received by the MIDI Port itself. To enable it, write 1 to bit 6 of the
MCNTL register.
MDTX Pin Masking. MDTX pin masking forces this pin to remain at a high level. This causes all transmit processes to occur
without physically driving the serial data via the MDTX pin. Writing 1 to bit 2 of the MCNTL register enables MDTX pin mask-
ing.
The above three features are handled by the MIDI Signals Routing Control Logic, which is illustrated in Figure 34..
Figure 34. MIDI Signals Routing Control Logic
MDTX Pin
MDRX Pin
MIDI
Transmit
Signal
MIDI
Receive
Signal
Loopback
Mode
Enable
MIDI Thru
Enable
MDTX Pin
Masking
Enable
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com