Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25L Datasheet(PDF) 7 Page - STMicroelectronics

Part # GG25L
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GG25L Datasheet HTML 3Page - STMicroelectronics GG25L Datasheet HTML 4Page - STMicroelectronics GG25L Datasheet HTML 5Page - STMicroelectronics GG25L Datasheet HTML 6Page - STMicroelectronics GG25L Datasheet HTML 7Page - STMicroelectronics GG25L Datasheet HTML 8Page - STMicroelectronics GG25L Datasheet HTML 9Page - STMicroelectronics GG25L Datasheet HTML 10Page - STMicroelectronics GG25L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID025995 Rev 1
7/28
GG25L
Electrical characteristics
28
Figure 2. I²C timing diagram
Table 6. I²C timing - VIO= 2.8 V, Tamb = -20 °C to 70 C (unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Fscl
SCL clock frequency
0
-
400
kHz
thd,sta
Hold time (repeated) START condition
0.6
µs
tlow
LOW period of the SCL clock
1.3
thigh
HIGH period of the SCL clock
0.6
tsu,dat
Setup time for repeated START condition
0.6
thd,dat
Data hold time
0
0.9
tsu,dat
Data setup time
100
ns
tr
Rise time of both SDA and SCL signals
20+
0.1Cb
300
ns
tf
Fall time of both SDA and SCL signals
20+
0.1Cb
300
ns
tsu,sto
Setup time for STOP condition
0.6
µs
tbuf
Bus free time between a STOP and
START condition
1.3
µs
Cb
Capacitive load for each bus line
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com