Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CANATL07RP Datasheet(PDF) 1 Page - AVX Corporation

Part # CANATL07RP
Description  High Temperature Low Leakage Automotive Varistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CANATL07RP Datasheet(HTML) 1 Page - AVX Corporation

  CANATL07RP Datasheet HTML 1Page - AVX Corporation CANATL07RP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70
High Temperature Low Leakage
Automotive Varistors
150ºC Rated Low Leakage Automotive Varistors
V
W(DC)
DC Working Voltage [V]
I
L2
Typical leakage current at 28Vdc, 25°C [μA]
V
W(AC)
AC Working Voltage [V]
E
T
Transient Energy Rating [J, 10x1000μS]
V
B
Breakdown Votage [V @ 1mA
DC, 25ºC]
I
P
Peak Current Rating [A, 8x20μS]
V
C
Clamping Votage [V @ I
IVC]
Cap
Capacitance [pF] @ 1KHz specified and 0.5V
RMS
I
VC
Test Current for VC [A, 8x20μs]
V
Jump
Jump Start [V, 5 min]
I
L1
Maximum leakage current at the working voltage, 25ºC [μA]
P
DISS
Max Power Dissipation [W]
GENERAL DESCRIPTION
AVX High Temperature Low Leakage Multi-Layer Varistors are designed for under-
hood and high temperature applications where low leakage component is required
Parts are tested, qualified and specified to 150ºC.
The MLV advantage is EMI/RFI attenuation in the off state. This allows designers
the ability to to combine the circuit protection and EMI/RFI attenuation function
into a single highly reliable device.
FEATURES
• Rated at 150°C
• AEC Q200 qualified
• ESD rating to 25kV
(HBM ESD Level 6)
• EMI/RFI attenuation in
off state
• Very Low Leakage
GENERAL
CHARACTERISTICS
• Operating Temperature:
-55ºC to 150ºC
APPLICATIONS
• Under hood
• High temperature
applications
• Bus Interface Protection
• CAN Bus
• BCM, TCU
• Capacitance sensitive
applications
and more
CAN
Type
Controlled Area
Network Varistor
HOW TO ORDER
ATL
Series
Automotive
High Temperature
Low Leakage
07
Case Size
07 = 0603
R
Packaging
D = 7” (1000 pcs)
R = 7” (4,000 pcs)
T = 13” (10,000pcs)
P
Termination
P = Ni Barrier/100% Sn
PN
VW(DC) VW(AC)
V
B
VC
IVC
IL1
IL2
ET
IP
Typ Cap Cap Tol
Freq
VJump
PDiss max
CANATL07
32
25
61±15%
120
1
1
<1
0.05
5
10
±50%
M
27.5
0.003
COMMUNICATION BUS - HIGH TEMPERATURE LOW LEAKAGE VARISTOR


Similar Part No. - CANATL07RP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CANAT-VCAT06AG AVX-CANAT-VCAT06AG Datasheet
125Kb / 2P
High Temperature Automotive
CANAT01DP AVX-CANAT01DP Datasheet
86Kb / 2P
High Temperature Automotive
CANAT01RP AVX-CANAT01RP Datasheet
86Kb / 2P
High Temperature Automotive
CANAT01TP AVX-CANAT01TP Datasheet
86Kb / 2P
High Temperature Automotive
CANAT02DP AVX-CANAT02DP Datasheet
86Kb / 2P
High Temperature Automotive
More results

Similar Description - CANATL07RP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
Leaded Varistors Automotive Series
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-000E AVAGO-ACPL-M49T-000E Datasheet
168Kb / 11P
Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
Kemet Corporation
VE0603M300R002 KEMET-VE0603M300R002 Datasheet
1Mb / 15P
Surface Mount Varistors VE Series High Temperature
logo
AVX Corporation
VR20AS18F390RTR2 AVX-VR20AS18F390RTR2 Datasheet
98Kb / 2P
Radial Leaded Automotive Varistors
logo
Broadcom Corporation.
ACFL-5212T-000E BOARDCOM-ACFL-5212T-000E Datasheet
343Kb / 12P
Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
ACPL-M49T-000E BOARDCOM-ACPL-M49T-000E Datasheet
533Kb / 12P
Wide Operating Temperature Automotive R2Coupler??20-kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
ACPL-K49T BOARDCOM-ACPL-K49T Datasheet
627Kb / 13P
Wide Operating Temperature Automotive R2Coupler짰 20-kBd Digital Optocoupler Configurable as Low-Power, Low-Leakage Phototransistor
logo
New Jersey Semi-Conduct...
FD300 NJSEMI-FD300 Datasheet
49Kb / 1P
HIGH CONDUCTANCE LOW LEAKAGE
logo
Bourns Electronic Solut...
ZV2M0603300HT BOURNS-ZV2M0603300HT Datasheet
1Mb / 23P
Low Voltage, High Temperature Varistors
AVHT BOURNS-AVHT Datasheet
1Mb / 17P
High Temperature Automotive Grade Varistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com