Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CANATL07DP Datasheet(PDF) 2 Page - AVX Corporation

Part # CANATL07DP
Description  High Temperature Low Leakage Automotive Varistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CANATL07DP Datasheet(HTML) 2 Page - AVX Corporation

  CANATL07DP Datasheet HTML 1Page - AVX Corporation CANATL07DP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
High Temperature Low Leakage
Automotive Varistors
150ºC Rated Low Leakage Automotive Varistors
S21 CHARACTERISTICS
PHYSICAL DIMENSIONS AND RECOMMENDED PAD LAYOUT
5
0
-5
-10
-15
-20
-25
-30
Frequency (MHz)
0.1
1
10
100
1000
10000
CANATL07
T
W
BL
L
A
B
D
C
0603 Discrete Dimensions
mm (inches)
LW
T
BL
1.60±0.15
0.80±0.15
0.90 MAX
0.35±0.15
(0.063±0.006)
(0.032±0.006)
(0.035 MAX)
(0.014±0.006)
0603 Soldering Pad
mm (inches)
AB
C
D
0.89
0.76
2.54
0.76
(0.035)
(0.030)
(0.100)
(0.030)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com