Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DISFIM Datasheet(PDF) 1 Page - AVX Corporation

Part # DISFIM
Description  For Energy Storage and Discharge Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DISFIM Datasheet(HTML) 1 Page - AVX Corporation

  DISFIM Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29
DISFIM Products
For Energy Storage and Discharge Applications
Based on the CONTROLLED SELF HEALING technology,
AVX offers impregnated capacitors, named DISFIM, which
are ideal for discharge applications.
With the controlled self-healing technology, the capacitance
of the DISFIM is divided into several million elementary
capacitances. The weak points in the dielectric are insulated
and the capacitor continues to work without any short-circuit
or risk of explosion.
DISFIM capacitors may represent more than 10,000 square
meters.
Only some square millimeters of active surface are lost for
every self-healing action.
Over the life of the capacitor, the capacitance gradually
decreases.
The capacitor is usually designed to lose less than 5% of its
initial capacitance during its whole lifetime.
APPLICATIONS
Power laser
Electromagnetic and ETC guns
High voltage supplies
Marx generators
Cable failure detection
Welding machine
Custom design is the rule as applications and
operating conditions are various.
Feel free to send your request to your local AVX
representative.
Use guide for customer’s specific requirement.
CHARACTERISTICS
Voltage range from 2kV to 75kV
Maximum energy per can 150kJ
Specific energy up to 2000J/l
Lifetime up to several tens millions shots
Stray inductance from 50nH to 500nH
CONSTRUCTION
Metal case unit
Epoxide flat terminals or ceramic terminals
Example of design with 2 epoxide flat terminals


Similar Part No. - DISFIM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DIS MSYSTEM-DIS Datasheet
111Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
LEDTRONICS, INC
DIS-1018-105A LEDTRONICS-DIS-1018-105A Datasheet
52Kb / 1P
DIS-1018-105A
DIS-1024-005A LEDTRONICS-DIS-1024-005A Datasheet
50Kb / 1P
DIS-1024-005A
DIS-1024-105A LEDTRONICS-DIS-1024-105A Datasheet
47Kb / 1P
DIS-1024-105A
DIS-1024-106 LEDTRONICS-DIS-1024-106 Datasheet
47Kb / 1P
DIS-1024-106
More results

Similar Description - DISFIM

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
High Energy Storage Chokes for Inverter Applications
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
High Energy Storage Chokes for inverter Applications
logo
Kemet Corporation
C4AEGBU4450A1WJ KEMET-C4AEGBU4450A1WJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
Storage Energy Systems
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
Energy Storage and Release Control IC
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
Skeleton Technologies. ...
51V166F SKELETON-51V166F Datasheet
376Kb / 2P
A popular choice for fast energy storage in transportation applications
2022
logo
Vishay Siliconix
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
06-Apr-2022
logo
Exxelia Group
681P EXXELIA-681P Datasheet
623Kb / 5P
High Discharge Rate Energy-Storage Metalized-Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com