Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2000B Datasheet(PDF) 2 Page - NEC

Part # A2000B
Description  The scalable enterprise server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

A2000B Datasheet(HTML) 2 Page - NEC

  A2000B Datasheet HTML 1Page - NEC A2000B Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©Copyright 2014 NEC Corporation. The information and specifications
contained in this publication are subject to modification without prior
notice. Microsoft and Windows Server are either registered trademarks
or trademarks of Microsoft Corporation in the United States and/or other
countries. Intel, Intel Logo, Pentium, Pentium Inside, Xeon, and Xeon Inside
are trademarks of Intel Corporation in the U.S. and/or other countries. Linux
is a trademark of Linus Torvalds. Red Hat is a registered trademark of Red
Hat, Inc. in the U.S. VMware is a registered trademark or trademark of
VMware, Inc. in the United States and/or other jurisdictions. All other names
of products and brands cited are the property of their respective owners.
NEC is not responsible for photographic or typing errors.
Cat. No. E02-14090003E
A2000 Series September 2014
Asia (APAC)
NEC Corporation
Europe (EMEA)
NEC Enterprise Solutions
North America
NEC Corporation of America
7-1, Shiba 5-chome Minato-ku
Tokyo 108-8001 Japan
Olympia 4
1213 NT Hilversum
The Netherlands
+31 35 6899111
3151 Jay Street, Ste. 110,
Santa Clara, CA 95054 U.S.
+1 866 632 3226
www.nec.com/express
www.nec-enterprise.com
www.necam.com/servers
NEC Corporation
www.nec.com
NEC Express5800/A2000 Series
Advanced Flexibility
• The NEC Express5800/A2000 Series
server is highly flexible to support ever
demanding and dynamically changing
on-premise or cloud workloads for large
databases, analytics, and large-scale
virtualization.
• Custom configurations offer ability to
populate 2, 3 or 4 sockets, and enable
or disable cores based on performance
requirements.
• Provide pay as you grow configurations
High Availability
• The NEC Express5800/A2000 Series server
offers industry-leading reliability, availability,
and serviceability (RAS) features required
to support business-critical workloads for
enterprise computing.
• Combining Intel’s Run Sure technology with
NEC’s mainframe inspired advanced RAS
features, the Express5800/A2000 Series
server with built-in service processors and
redundant components offers exceptional
availability and serviceability on standard
operating systems.
Exceptional Performance
• The NEC Express5800/A2000 Series server
is a scale-up server designed with a massive
resource pool to support compute-intensive
and memory-hungry applications in mission
critical and virtualized environments.
• Powered by the Intel® Xeon® Processor
E7 v2 Product Family and inheriting
NEC’s supercomputer high performance
technology, the NEC’s sixth generation
enterprise server supports up to 4 processors
/ 60 cores / 120 threads, 4.0 terabyte of
memory, and 16 PCIe 3.0 slots.
MOdEL
Express5800/A2000 Series (A2040b, A2040b COPT, A2020b, A2010b)
Form factor / height
4U rack
Number of Processors
A2040b: 2 to 4 (configurable), A2020b: 2 (fixed), A2010b: 1 (fixed)
Processors
Intel® Xeon® Processor E7-4890 v2 (2.8 GHz/15-core/37.5 MB)
Intel® Xeon® Processor E7-4870 v2 (2.3 GHz/15-core/30 MB)
Intel® Xeon® Processor E7-4860 v2 (2.6 GHz/12-core/30 MB)
Intel® Xeon® Processor E7-4830 v2 (2.2 GHz/10-core/20 MB)
Intel® Xeon® Processor E7-4820 v2 (2.0 GHz/8-core/16 MB)
Intel® Xeon® Processor E7-4809 v2 (1.9 GHz/6-core/12 MB)
Intel® Xeon® Processor E7-8891 v2 (3.2 GHz/10-core/37.5 MB)
Intel® Xeon® Processor E7-8893 v2 (3.4 GHz/6-core/37.5 MB)
Memory Type
DDR3L-1600 Registered DIMM (8/16 GB), DDR3L-1600 Load Reduced DIMM (32 GB),
DDR3L-1333 Load Reduced DIMM (64 GB)
Memory Slots
64 (in case of A2010b: 32)
Maximum memory
4 TB (2 TB for A2010b)
Storage type
Hot plug 2.5-inch SAS HDD, Hot-plug 2.5-inch SAS SSD
Maximum internal drive bays
8
Maximum internal storage
HDD: 9.6 TB, SSD: 3.2 TB
Removable media
Internal or external drive (option)
Expansion slots
14x (in case of A2010b: 7x) PCI Express 3.0 (x8 lane, x8 socket) (Low Profile, 167.6 mm in length)
2x PCI Express 3.0 (x4 lane, x8 socket) (Low Profile, 167.6 mm in length)
Video (VRAM)
Embedded in management controller chip (8 MB)
Network
2x Management LAN connector (1000 BASE-T / 100 BASE-TX / 10 BASE-T, RJ45, rear)
Power
Up to 4 80 PLUS® Platinum certified power supply / Redundancy and hot plug supported
Maximum power consumption (200V)
A2040b: 2335 VA / 2288 Watt, A2020b: 2208 VA / 2164 Watt, A2010b: 1435 VA / 1406 Watt
Interface
5x USB 2.0 (3x front, 1x rear, 1x internal), 1x VGA (front), 1x SUV (2x USB, 1x VGA, 1x Serial, rear)
Dimensions (W x D x H)
443.0 x 719.3 x 174.5 mm (4U rack height)
482.6 x 892.5 x 175.5 mm (including protruding objects and guide rails)
Maximum weight
A2040b: 55 kg, A2020b: 55 kg, A2010b: 49 kg
Temperature and humidity conditions
(non-condensing)
Operating: 10 to 40 °C / 50 to 104 °F, 20 to 80%
Non-operating: -10 to 55 °C / 14 to 131 °F, 20 to 80%
Operating systems and
virtualization software
Microsoft® Windows Server® 2008 R2 (SP1 or later) Standard / Enterprise / Datacenter
Microsoft® Windows Server® 2012 Standard / Datacenter
Microsoft® Windows Server® 2012 R2 Standard / Datacenter
Red Hat® Enterprise Linux® 6.4 or later (x86_64)
Oracle® Linux 6.4 / UEK R2 or later (x86_64)
VMware® ESXi™ 5.1 Update 2
VMware® ESXi™ 5.5
HARdwARE SPECIFICATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com