Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP006 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP006_17 Datasheet HTML 9Page - Texas Instruments TMP006_17 Datasheet HTML 10Page - Texas Instruments TMP006_17 Datasheet HTML 11Page - Texas Instruments TMP006_17 Datasheet HTML 12Page - Texas Instruments TMP006_17 Datasheet HTML 13Page - Texas Instruments TMP006_17 Datasheet HTML 14Page - Texas Instruments TMP006_17 Datasheet HTML 15Page - Texas Instruments TMP006_17 Datasheet HTML 16Page - Texas Instruments TMP006_17 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TMP006, TMP006B
www.ti.com
SBOS518E – MAY 2011 – REVISED APRIL 2015
8.3.5 Calibration
The TMP006 and TMP006B default coefficients are calibrated with a black body of emissivity,
ε = 0.95, and an
FOV (
θ) = 110°. Use these coefficients for applications where the object emissivity and geometry satisfy these
conditions. For applications with different object emissivity or geometry, calibrate the TMP006 or TMP006B to
accurately reflect the object temperature and system geometry. Accuracy is affected by device-to-device or
object-to-object variation. For the most demanding applications, calibrate each device individually.
As an overview the calibration procedure includes:
1. Defining the environmental variation range (die and object temperature range, supply voltage, temperature
change speed, sampling rate and so on).
2. Making the die temperature measurements and IR sensor voltage measurements over the environmental
range.
3. Generate an optimal set of coefficients based on the collected data set.
The best temperature precision is available if every device is calibrated individually. Alternatively, if all the units in
the application use the same coefficients, then calibrate a statistically significant number of devices.
Recalibration may be required under any or all of the following conditions:
1. Board layout is changed.
2. Object or objects in the field of view changed.
3. Object distance changed.
4. Angle between device surface and direction to the object changed.
5. Object and local temperature range changed outside the environmental calibration range.
6. Object and local temperature transients significantly changed.
7. Supply voltage changed more than 1 V.
8. Air convection or conduction near the device.
For further information and methods for calibration, refer to user guide SBOU142, TMP007 Calibration Guide
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com