Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2012N Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TA2012N
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012N Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TA2012N Datasheet HTML 9Page - Toshiba Semiconductor TA2012N Datasheet HTML 10Page - Toshiba Semiconductor TA2012N Datasheet HTML 11Page - Toshiba Semiconductor TA2012N Datasheet HTML 12Page - Toshiba Semiconductor TA2012N Datasheet HTML 13Page - Toshiba Semiconductor TA2012N Datasheet HTML 14Page - Toshiba Semiconductor TA2012N Datasheet HTML 15Page - Toshiba Semiconductor TA2012N Datasheet HTML 16Page - Toshiba Semiconductor TA2012N Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
13
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Input resistance
RIN
1
―
―
25
―
Output resistance
ROUT
1
―
―
5
―
kΩ
Max. composite
signal input voltage
Vin MAX
(stereo)
1
L + R = 90%, P = 10%
THD = 3%, SW9→LPF: ON
―
350
―
mVrms
fm = 100kHz
―
42
―
fm = 1kHz
35
42
―
Separation
Sep
―
L + R = 135mVrms
P = 15mVrms,
SW9→LPF: ON
fm = 10kHz
―
42
―
dB
Monaural
THD
(monaural)
Vin = 150 mVrms (mono)
―
0.2
―
Total
harmonic
distortion
Stereo
THD
(stereo)
1
L + R = 135mVrms,
P = 15mVrms
SW9→LPF: ON
―
0.2
―
%
Voltage gain
GV (MPX)
1
Vin = 150mVrms (mono)
-5
-3
-1
dB
Channel balance
C.B.
1
Vin = 150mVrms (mono)
-2
0
2
dB
ON
VL (ON)
―
8
15
Stereo LED
sensitivity
OFF
VL (OFF)
1
Pilot input
2
6
―
mVrms
Stereo LED hysteresis
VH
1
To LED turn off from
LED turn on
―
2
―
mVrms
Capture range
C.R.
1
P = 15mVrms
―
±1.3
―
%
MP X
Signal to noise ratio
S / N
1
Vin = 150mVrms (mono)
―
78
―
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com