Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5111 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5111
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5111 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5111 Datasheet HTML 1Page - Texas Instruments TAS5111 Datasheet HTML 2Page - Texas Instruments TAS5111 Datasheet HTML 3Page - Texas Instruments TAS5111 Datasheet HTML 4Page - Texas Instruments TAS5111 Datasheet HTML 5Page - Texas Instruments TAS5111 Datasheet HTML 6Page - Texas Instruments TAS5111 Datasheet HTML 7Page - Texas Instruments TAS5111 Datasheet HTML 8Page - Texas Instruments TAS5111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TAS5111
SLES049D − JULY 2003 − REVISED MARCH 2004
DIGITAL AMPLIFIER POWER STAGE
TM
FEATURES
D 70-W RMS Power (BTL) Into 4 Ω With Less
Than 0.2% THD+N
D 95-dB Dynamic Range (TDAA System With
TAS5026)
D Power Efficiency Greater Than 90% Into 4-Ω
and 8-
Ω Loads
− Smaller Power Supplies
D Self-Protecting Design With Autorecovery
D 32-Pin TSSOP (DAD) PowerPAD Package
D 3.3-V Digital Interface
D EMI-Compliant When Used With
Recommended System Design
APPLICATIONS
D DVD Receiver
D Home Theatre
D Mini/Micro Component Systems
D Internet Music Appliance
DESCRIPTION
The TAS5111 is a high-performance digital amplifier power
stage designed to drive a 4-
Ω speaker up to 70 W with
0.2% distortion plus noise. The device incorporates TI’s
PurePath Digital
 technology and is used with a digital
audio PWM processor (TAS50XX) and a simple passive
demodulation filter to deliver high-quality, high-efficiency
digital audio amplification.
The efficiency of this digital amplifier can be greater than
90%, depending on the system design. Overcurrent
protection, overtemperature protection, and undervoltage
protection are built into the TAS5111, safeguarding the
device and speakers against fault conditions that could
damage the system.
PO − Output Power − W
100m
RL = 4 Ω
TC = 75°C
1
10
100
0.01
0.1
1
THD + NOISE vs OUTPUT POWER
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
1
20k
RL = 4 Ω
TC = 75°C
0.01
PO = 70 W
PO = 1 W
PO = 10 W
THD + NOISE vs FREQUENCY
PurePath Digital and PowerPAD are trademarks of Texas Instruments. Other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - TAS5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5111 TI-TAS5111 Datasheet
1Mb / 84P
8 Channel Digital Audio PWM Processor
TAS5111A TI-TAS5111A Datasheet
278Kb / 17P
DIGITAL AMPLIIFIER POWER STAGE
TAS5111ADAD TI-TAS5111ADAD Datasheet
278Kb / 17P
DIGITAL AMPLIIFIER POWER STAGE
TAS5111ADADG4 TI-TAS5111ADADG4 Datasheet
278Kb / 17P
DIGITAL AMPLIIFIER POWER STAGE
TAS5111ADADR TI-TAS5111ADADR Datasheet
278Kb / 17P
DIGITAL AMPLIIFIER POWER STAGE
More results

Similar Description - TAS5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
DIGITAL AMPLIFIER POWER STAGE
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com