Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2012F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA2012F
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2012F Datasheet HTML 4Page - Toshiba Semiconductor TA2012F Datasheet HTML 5Page - Toshiba Semiconductor TA2012F Datasheet HTML 6Page - Toshiba Semiconductor TA2012F Datasheet HTML 7Page - Toshiba Semiconductor TA2012F Datasheet HTML 8Page - Toshiba Semiconductor TA2012F Datasheet HTML 9Page - Toshiba Semiconductor TA2012F Datasheet HTML 10Page - Toshiba Semiconductor TA2012F Datasheet HTML 11Page - Toshiba Semiconductor TA2012F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
8
· The gain loss of FM IF AMP
R2
0Ω
10KΩ (Note)
IF
(10.7MHz)
-20dB
-1dB
1 / 8 IF
(1.3375MHz)
-20dB
-1dB
(Note)
・
In the condition of the 1 / 8 IF mode, it is
possible to set up R2 = ∞ (OPEN).
・
In the condition of IF mode, it is necessary to set up the value of R2 under 10kΩ. When the R2 is over
10kΩ it is feared that the mode is change to the 1 / 8 IF mode.
· The gain loss of AM MIXER
R2
0Ω
10KΩ
-16dB
-1dB
4. AM low-cut circuit
· The AM low-cut action is carried out by the bypass of the high frequency component of
the positive-feedback signal at the AF AMP stage. The external capacitor: C6
by-passes this component.
· The cut-off frequency fL is determine by the internal resistance 22kΩ (typ.) and the
external capacitor C6 as following;
(Hz)
6
C
3
10
22
2
1
L
f
´
´
´
p
´
=
· In the case of the AM low-cut function is not needed, set up the value of C6 over 0.47µF.
In the condition of C6 ≥ 0.47µF, the frequency characteristic has flat response at the low frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com