Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZDUA6 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZDUA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZDUA6 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETV2665FIBZDUA6 Datasheet HTML 3Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 4Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 5Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 6Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 7Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 8Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 9Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 10Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
2
Device Overview
2.1
Device Characteristics
Table 2-1, provides an overview of the TMS320C6424 DSP. The tables show significant features of the
C6424 device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the
package type with pin count.
Table 2-1. Characteristics of the C6424 Processor
HARDWARE FEATURES
C6424
DDR2 Memory Controller
(16-/32-bit bus width) [1.8 V I/O]
Asynchronous (8-/16-bit bus width),
Asynchronous EMIF [EMIFA]
RAM, Flash, (NOR or NAND)
1 (64 independent channels, 8 QDMA
EDMA3
channels)
2 64-bit General Purpose
Timers
(configurable as 2 64-bit or 4 32-bit)
1 64-bit Watch Dog
Peripherals
UART s
2 (one with RTS and CTS flow control)
Not all peripherals
I2C
1 (Master/Slave)
pins are available at
the same time (for
McBSPs
2
more detail, see the
McASP
1 (4 Serializers)
Device Configuration
section).
10/100 Ethernet MAC (EMAC) with
1
Management Data Input/Output (MDIO)
VLYNQ
1
General-Purpose Input/Output Port (GPIO)
Up to 111 pins
PWM
3 outputs
HPI (16-bit)
1
PCI (32-bit), [33-MHz]
1
Size (Bytes)
240KB RAM, 64KB ROM
32K-Byte (32KB) L1 Program (L1P)
RAM/Cache (Cache up to 32KB)
On-Chip Memory
80KB L1 Data (L1D) RAM/Cache (Cache up to
Organization
32KB)
128KB Unified Mapped RAM/Cache (L2)
64KB Boot ROM
Revision ID Register (MM_REVID.[15:0])
See theTMS320C6424/21 Digital Signal
MegaModule Rev ID
(address location: 0x0181 2000)
Processor (DSP) [Silicon Revisions 1.1 and
1.0] Silicon Errata (literature number
CPU ID + CPU Rev
Control Status Register (CSR.[31:16])
SPRZ252).
ID
JTAGID register
See Section 6.22.1, JTAG ID (JTAGID)
JTAG BSDL_ID
(address location: 0x01C4 0028)
Register Description(s)
700 (-7)
600 (-6/-Q6)
CVDD = 1.2V
500 (-5/-Q5)
400 (-4/-Q4)
CPU Frequency(1)
MHz
560 (-7)
450 (-6)
CVDD = 1.05V
400 (-5/-Q5/-L)
350 (-4)
(1)
Applies to "tape and reel" part number counterparts as well. For more information, see Section 2.7 , Device and Development-Support
Tool Nomenclature.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com