Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT6 Datasheet(PDF) 217 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT6 Datasheet(HTML) 217 Page - Texas Instruments

Back Button TNETV2665FIBZWT6 Datasheet HTML 213Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 214Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 215Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 216Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 217Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 218Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 219Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 220Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 249 page
background image
MRCLK (Input)
1
2
MRXD3−MRXD0,
MRXDV, MRXER (Inputs)
1
MTCLK (Input)
MTXD3−MTXD0,
MTXEN (Outputs)
RMREFCLK
(Input)
1
3
4
4
2
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Figure 6-36. EMAC Receive Interface Timing [MII Operation]
Table 6-62. Switching Characteristics Over Recommended Operating Conditions for EMAC MII Transmit
10/100 Mbit/s(1) (see Figure 6-37)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
td(MTCLKH-MTXD)
Delay time, MTCLK high to transmit selected signals valid
2
25
ns
(1)
Transmit selected signals include: MTXD3-MTXD0, and MTXEN.
Figure 6-37. EMAC Transmit Interface Timing [MII Operation]
6.15.3.2 EMAC RMII Electrical Data/Timing
The RMREFCLK pin is used to source a clock to the EMAC when it is configured for RMII operation. The
RMREFCLK frequency should be 50 MHz ±50 PPM with a duty cycle between 35% and 65%, inclusive.
Table 6-63. Timing Requirements for RMREFCLK - RMII Operation (see Figure 6-38)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(RMREFCLK)
Cycle time, RMREFCLK(1)
20
ns
2
tw(RMREFCLKH)
Pulse duration, RMREFCLK high
7
13
ns
3
tw(RMREFCLKL)
Pulse duration, RMREFCLK low
7
13
ns
4
tt(RMREFCLK)
Transition time, RMREFCLK
2
ns
(1)
There is a clock ratio requirement between the system infrastructure clock, SYSCLK3, and the EMAC RMII reference clock,
RMREFCLK. For proper device operation, the SYSCLK3 frequency must be faster than 12.5 MHz.
Figure 6-38. RMREFCLK Timing [RMII Operation]
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
217
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com