Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT6 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT6 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TNETV2665FIBZWT6 Datasheet HTML 54Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 55Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 56Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 57Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 58Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 59Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 60Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 61Page - Texas Instruments TNETV2665FIBZWT6 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-26. Standalone GPIO 3.3 V Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
Standalone GPIO 3.3 V
GP[22]/
IPD
F18
J20
I/O/Z
(BOOTMODE0)
DVDD33
GP[23]/
IPD
F15
K20
I/O/Z
(BOOTMODE1)
DVDD33
These pins function as boot configuration pins during device reset.
GP[24]/
IPD
G15
L20
I/O/Z
After device reset, these pins function as standalone general-purpose
(BOOTMODE2)
DVDD33
input/output (GPIO).
GP[25]/
IPD
G16
H21
I/O/Z
(BOOTMODE3)
DVDD33
GP[26]/
IPD
G17
K19
I/O/Z
(FASTBOOT)
DVDD33
IPD
GP[53]
A13
A17
I/O/Z
This pin is standalone and functions as GPIO pin 53.
DVDD33
IPD
GP[54]
A14
A18
I/O/Z
This pin is standalone and functions as GPIO pin 54.
DVDD33
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
58
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com