Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT7 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT7
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT7 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TNETV2665FIBZWT7 Datasheet HTML 46Page - Texas Instruments TNETV2665FIBZWT7 Datasheet HTML 47Page - Texas Instruments TNETV2665FIBZWT7 Datasheet HTML 48Page - Texas Instruments TNETV2665FIBZWT7 Datasheet HTML 49Page - Texas Instruments TNETV2665FIBZWT7 Datasheet HTML 50Page - Texas Instruments TNETV2665FIBZWT7 Datasheet HTML 51Page - Texas Instruments TNETV2665FIBZWT7 Datasheet HTML 52Page - Texas Instruments TNETV2665FIBZWT7 Datasheet HTML 53Page - Texas Instruments TNETV2665FIBZWT7 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-18. Host-Port Interface Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
Host-Port Interface (HPI)
HD0/VLYNQ_SCRUN/
IPU
C8
B9
AD18/GP[58]
DVDD33
HD1/VLYNQ_RXD0/
D7
C9
AD16/GP[59]
HD2/VLYNQ_RXD1/
A8
A9
AD17/GP[60]
HD3/VLYNQ_RXD2/
B7
B8
PCBE2/GP[61]
HD4/VLYNQ_RXD3/
C7
C8
PFRAME/GP[62]
HD5/VLYNQ_TXD0/
A6
A7
PIRDY/GP[63]
HD6/VLYNQ_TXD1/
D6
C7
PTRDY/GP[64]
This pin is multiplexed between HPI, VLYNQ or EMAC (MII),
HD7/VLYNQ_TXD2/
B6
B7
PCI, and GPIO.
PDEVSEL/GP[65]
I/O/Z
In HPI mode, these pins are host-port data pins HD[15:0]
HD8/VLYNQ_TXD3/
IPD
(I/O/Z) and are multiplexed internally with the HPI address
A5
A6
PPERR/GP[66]
DVDD33
lines.
HD9/MCOL/
C6
C6
PSTOP/GP[67]
HD10/MCRS/
B5
B6
PSERR/GP[68]
HD11/MTXD3/
C5
A5
PCBE1/GP[69]
HD12/MTXD2/
D5
C5
PPAR/GP[70]
HD13/MTXD1/
B4
B4
AD14/GP[71]
HD14/MTXD0/
D4
B5
AD15/GP[72]
HD15/MTXCLK/
A4
A4
AD12/GP[73]
This pin is multiplexed between HPI, EMAC (MII), PCI, and
HHWIL/MRXDV/
IPD
GPIO.
C4
D3
I/O/Z
AD13/GP[74]
DVDD33
In HPI mode, this pin is half-word identification input HHWIL
(I).
This pin is multiplexed between HPI, EMAC (MII), PCI, and
GPIO.
HCNTL1/MTXEN/
IPD
In HPI mode, this pin is control input 1 HCNTL1 (I). The state
D3
C4
I/O/Z
AD11/GP[75]
DVDD33
of HCNTL1 and HCNTL0 determines if address, data, or
control information is being transmitted between an external
host and the C6424.
This pin is multiplexed between HPI, EMAC (MII), PCI, and
GPIO.
HCNTL0/MRXER/
IPD
In HPI mode, this pin is control input 0 HCNTL0 (I). The state
B3
B2
I/O/Z
AD10/GP[76]
DVDD33
of HCNTL1 and HCNTL0 determines if address, data, or
control information is being transmitted between an external
host and the C6424.
This pin is multiplexed between HPI, EMAC (MII), PCI, and
HR/W/MRXCLK/
IPD
A3
A3
I/O/Z
GPIO.
AD8/GP[77]
DVDD33
In HPI mode, this pin is host read or write select HR/W(I).
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
50
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com