Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFTHV24FS2637 Datasheet(PDF) 10 Page - AVX Corporation

Part # DFTHV24FS2637
Description  Medium Power Film Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV24FS2637 Datasheet(HTML) 10 Page - AVX Corporation

Back Button DFTHV24FS2637 Datasheet HTML 5Page - AVX Corporation DFTHV24FS2637 Datasheet HTML 6Page - AVX Corporation DFTHV24FS2637 Datasheet HTML 7Page - AVX Corporation DFTHV24FS2637 Datasheet HTML 8Page - AVX Corporation DFTHV24FS2637 Datasheet HTML 9Page - AVX Corporation DFTHV24FS2637 Datasheet HTML 10Page - AVX Corporation DFTHV24FS2637 Datasheet HTML 11Page - AVX Corporation DFTHV24FS2637 Datasheet HTML 12Page - AVX Corporation DFTHV24FS2637 Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
64
092315
TABLE OF VALUES
Part Number
Capacitance
Width
Height (
mm)
Rs
Irms Thermal 1 Irms Thermal 2
(μF)
(
mm)
FFHV
FTHV
(mΩ)
(A)
(A)
Un = 2000Vdc
DF*HV11°N1447
1440
125
230
240
0,50
180
200
DF*HV21°N1447
1440
125
230
240
0,43
185
210
DF*HV12°N1887
1880
125
295
305
0,42
225
255
DF*HV22°N1887
1880
125
295
305
0,35
240
270
DF*HV31°N2257
2250
175
230
240
0,69
175
195
DF*HV41°N2257
2250
175
230
240
0,60
185
205
DF*HV13°N2517
2510
125
370
380
0,37
255
255
DF*HV23°N2517
2510
125
370
380
0,30
295
335
DF*HV32°N2957
2950
175
295
305
0,57
215
240
DF*HV42°N2957
2950
175
295
305
0,48
230
260
DF*HV14°N3147
3140
125
450
460
0,34
255
255
DF*HV24°N3147
3140
125
450
460
0,27
345
390
DF*HV15°N3777
3770
125
530
540
0,32
255
255
DF*HV25°N3777
3770
125
530
540
0,25
395
400
DF*HV33°N3937
3930
175
370
380
0,49
255
255
DF*HV43°N3937
3930
175
370
380
0,40
280
310
DF*HV16°N4407
4400
125
610
620
0,31
255
255
DF*HV26°N4407
4400
125
610
620
0,24
400
400
DF*HV34°N4917
4910
175
450
460
0,44
255
255
DF*HV44°N4917
4910
175
450
460
0,35
330
365
DF*HV35°N5907
5900
175
530
540
0,42
255
255
DF*HV45°N5907
5900
175
530
540
0,33
375
400
DF*HV36°N6887
6880
175
610
620
0,40
255
255
DF*HV46°N6887
6880
175
610
620
0,31
400
400
Un = 2250Vdc
DF*HV11°T1157
1150
125
230
240
0,53
165
190
DF*HV21°T1157
1150
125
230
240
0,46
175
195
DF*HV12°T1507
1500
125
295
305
0,45
210
240
DF*HV22°T1507
1500
125
295
305
0,38
225
250
DF*HV31°T1807
1800
175
230
240
0,74
165
185
DF*HV41°T1807
1800
175
230
240
0,65
175
195
DF*HV13°T2017
2010
125
370
380
0,39
255
255
DF*HV23°T2017
2010
125
370
380
0,32
275
310
DF*HV32°T2357
2350
175
295
305
0,61
205
230
DF*HV42°T2357
2350
175
295
305
0,52
220
245
DF*HV14°T2517
2510
125
450
460
0,35
255
255
DF*HV24°T2517
2510
125
450
460
0,28
325
370
DF*HV15°T3017
3010
125
530
540
0,33
255
255
DF*HV25°T3017
3010
125
530
540
0,26
375
400
DF*HV33°T3147
3140
175
370
380
0,52
250
255
DF*HV43°T3147
3140
175
370
380
0,43
265
295
DF*HV16°T3517
3510
125
610
620
0,32
255
255
DF*HV26°T3517
3510
125
610
620
0,25
400
400
DF*HV34°T3937
3930
175
450
460
0,47
255
255
DF*HV44°T3937
3930
175
450
460
0,38
315
345
DF*HV35°T4727
4720
175
530
540
0,44
255
255
DF*HV45°T4727
4720
175
530
540
0,35
355
395
DF*HV36°T5507
5500
175
610
620
0,41
255
255
DF*HV46°T5507
5500
175
610
620
0,32
395
400
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
* Insert F for resin top or T for hermetic case
° Insert F for female terminals or M for male terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com