Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL19N60DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL19N60DM2
Description  Fast-recovery body diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL19N60DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STL19N60DM2 Datasheet HTML 1Page - STMicroelectronics STL19N60DM2 Datasheet HTML 2Page - STMicroelectronics STL19N60DM2 Datasheet HTML 3Page - STMicroelectronics STL19N60DM2 Datasheet HTML 4Page - STMicroelectronics STL19N60DM2 Datasheet HTML 5Page - STMicroelectronics STL19N60DM2 Datasheet HTML 6Page - STMicroelectronics STL19N60DM2 Datasheet HTML 7Page - STMicroelectronics STL19N60DM2 Datasheet HTML 8Page - STMicroelectronics STL19N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID026785 Rev 1
5/13
STL19N60DM2
Electrical characteristics
13
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 5.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 2 and 7)
-
TBD
-
ns
tr
Voltage rise time
-
TBD
-
ns
td(off)
Turn-off delay time
-
TBD
-
ns
tf
Current fall time
-
TBD
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
(1)
1.
The value is rated according to Rthj-case and limited by package.
Source-drain current
-
11
A
ISDM
(1),(2)
2.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
44
A
VSD
(3)
3.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 11A, VGS = 0
-
1.5
V
trr
(4)
4.
Typical values are referring to the test conditions of the same die housed in through hole package.
The built-in back-to-back Zener diodes have been specifically designed to enhance the
ESD capability of the device. The Zener voltage is appropriate for efficient and cost-
effective intervention to protect the device integrity. These integrated Zener diodes thus
eliminate the need for external components.
Reverse recovery time
ISD = 11A, di/dt = 100A/µs
VDD = 100 V (see Figure 4)
-120
ns
Qrr
(4)
Reverse recovery charge
-
TBD
µC
IRRM
(4)
Reverse recovery current
-
TBD
A
trr
(4)
Reverse recovery time
ISD = 11 A, di/dt = 100A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 4)
-TBD
ns
Qrr
(4)
Reverse recovery charge
-
TBD
µC
IRRM
(4)
Reverse recovery current
-
TBD
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com