Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL25N15F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL25N15F4
Description  N-channel enhancement mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL25N15F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STL25N15F4 Datasheet HTML 1Page - STMicroelectronics STL25N15F4 Datasheet HTML 2Page - STMicroelectronics STL25N15F4 Datasheet HTML 3Page - STMicroelectronics STL25N15F4 Datasheet HTML 4Page - STMicroelectronics STL25N15F4 Datasheet HTML 5Page - STMicroelectronics STL25N15F4 Datasheet HTML 6Page - STMicroelectronics STL25N15F4 Datasheet HTML 7Page - STMicroelectronics STL25N15F4 Datasheet HTML 8Page - STMicroelectronics STL25N15F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2009
Doc ID 16220 Rev 1
1/12
12
STL25N15F4
N-channel 150 V, 0.057
Ω, 6 A, PowerFLAT™(5x6)
STripFET™ DeepGATE™ Power MOSFET
Features
■ N-channel enhancement mode
■ 100% avalanched rated
■ Low gate charge
■ Very low on-resistance
Application
■ Switching applications
Description
This STripFET™ DeepGATE™ Power MOSFET
technology is among the latest improvements,
which have been especially tailored to minimize
on-state resistance, with a new gate structure,
providing superior switching performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL25N15F4
150 V
< 0.063
Ω
6 A
PowerFLAT™(5x6)
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL25N15F4
25N15F4
PowerFLAT™ (5x6)
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STL25N15F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
Very low thermal resistance
03-Mar-2009
More results

Similar Description - STL25N15F4

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com