Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL42P4LLF6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL42P4LLF6
Description  P-channel 40 V, 0.0155 Ω typ.,42 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL42P4LLF6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL42P4LLF6 Datasheet HTML 1Page - STMicroelectronics STL42P4LLF6 Datasheet HTML 2Page - STMicroelectronics STL42P4LLF6 Datasheet HTML 3Page - STMicroelectronics STL42P4LLF6 Datasheet HTML 4Page - STMicroelectronics STL42P4LLF6 Datasheet HTML 5Page - STMicroelectronics STL42P4LLF6 Datasheet HTML 6Page - STMicroelectronics STL42P4LLF6 Datasheet HTML 7Page - STMicroelectronics STL42P4LLF6 Datasheet HTML 8Page - STMicroelectronics STL42P4LLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2015
DocID025618 Rev 2
1/14
This is information on a product in full production.
www.st.com
STL42P4LLF6
P-
channel 40 V, 0.0155 Ω typ.,42 A, STripFET™ F6
Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STL42P4LLF6
40 V
0.018 Ω
42 A
75 W
•
Very low on-resistance
•
Very low gate charge
•
High avalanche ruggedness
•
Low gate drive power loss
Applications
•
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ F6 technology,
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
For the P-channel Power MOSFET, current
polarity of voltages and current have to be
reversed.
Table 1: Device summary
Order code
Marking
Package
Packaging
STL42P4LLF6
42P4LLF6
PowerFLAT™ 5x6
Tape and reel
1
2
3
4
PowerFLAT™ 5x6
AM01475v4
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)


Similar Part No. - STL42P4LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL42P6LLF6 STMICROELECTRONICS-STL42P6LLF6 Datasheet
471Kb / 14P
High avalanche ruggedness
24-Feb-2015
STL42P6LLF6 STMICROELECTRONICS-STL42P6LLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
logo
Inchange Semiconductor ...
STL42P6LLF6 ISC-STL42P6LLF6 Datasheet
376Kb / 3P
isc P-Channel MOSFET Transistor
2023-9-6
logo
STMicroelectronics
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
More results

Similar Description - STL42P4LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
December 2014 Rev 2
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STH110N7F6-2 STMICROELECTRONICS-STH110N7F6-2 Datasheet
912Kb / 17P
N-channel 68 V, 0.0053 Ω typ.,110 A, STripFET™ F6 Power MOSFET in a H2PAK-2 package
30-Mar-2015
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
09-Feb-2016
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com