Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL62P3LLH6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STL62P3LLH6
Description  P-channel -30 V, 9 mΩ typ., -62 A STripFET™ H6 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL62P3LLH6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STL62P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL62P3LLH6 Datasheet HTML 9Page - STMicroelectronics STL62P3LLH6 Datasheet HTML 10Page - STMicroelectronics STL62P3LLH6 Datasheet HTML 11Page - STMicroelectronics STL62P3LLH6 Datasheet HTML 12Page - STMicroelectronics STL62P3LLH6 Datasheet HTML 13Page - STMicroelectronics STL62P3LLH6 Datasheet HTML 14Page - STMicroelectronics STL62P3LLH6 Datasheet HTML 15Page - STMicroelectronics STL62P3LLH6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STL62P3LLH6
Revision history
DocID025836 Rev 6
15/16
6
Revision history
Table 10: Document revision history
Date
Revision
Changes
30-May-2014
1
First release.
05-Sep-2014
2
Updated the title, the features and the description in cover page.
Updated Section 7: "Electrical characteristics". Minor text changes.
11-Sep-2014
3
Updated Figure 6: "Gate charge vs gate-source voltage". Minor text
changes.
16-Dec-2014
4
Document status promoted from preliminary to production data.
07-Apr-2015
5
Updated Section 7.1: "Electrical characteristics (curves)" and Section
9.1: "PowerFLAT 5x6 type R package information"
20-Oct-2016
6
Updated Figure 2: "Safe operating area".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com