Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90N10F7 Datasheet(PDF) 13 Page - STMicroelectronics

Part # 90N10F7
Description  N-channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

90N10F7 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 90N10F7 Datasheet HTML 6Page - STMicroelectronics 90N10F7 Datasheet HTML 7Page - STMicroelectronics 90N10F7 Datasheet HTML 8Page - STMicroelectronics 90N10F7 Datasheet HTML 9Page - STMicroelectronics 90N10F7 Datasheet HTML 10Page - STMicroelectronics 90N10F7 Datasheet HTML 11Page - STMicroelectronics 90N10F7 Datasheet HTML 12Page - STMicroelectronics 90N10F7 Datasheet HTML 13Page - STMicroelectronics 90N10F7 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STL90N10F7
Revision history
DocID024551 Rev 4
13/14
5
Revision history
Table 9: Document revision history
Date
Revision
Changes
16-Apr-2013
1
First release.
06-Mar-2014
2
– Modified: RDS(on) value in cover page
– Modified: VGS(th) values in Table 4
– Modified: RDS(on) typ. and max values in Table 4
– Modified: typical values in Table 5, 6 and 7
– Updated: Section 4: Package mechanical data
– Added: Section 2.1: Electrical characteristics (curves)
– Updated: Section 4: Package mechanical data
– Document status promoted from preliminary data to production data
16-Dec-2014
3
– Updated title, features and description in cover page.
– Updated RDS(on) values and Figure 7: Static drain-source
onresistance.
17-Mar-2015
4
–Text edits throughout document
–Updated cover page title description
–Updated cover page features table
–In table 2. Absolute maximum ratings, added "EAS" information and
footnote 4
–In table 3. Thermal data, added footnote 1
–Renamed table 4. Static (was On/off states)
–Updated table 5. Dynamic
–Updated table 7. Source drain diode
–In Section 2.1 Electrical characteristics (curves), updated figures 2,
3, 10 and 11
–Updated and renamed Section 4 Package information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com