Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110N10F7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 110N10F7
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

110N10F7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 110N10F7 Datasheet HTML 7Page - STMicroelectronics 110N10F7 Datasheet HTML 8Page - STMicroelectronics 110N10F7 Datasheet HTML 9Page - STMicroelectronics 110N10F7 Datasheet HTML 10Page - STMicroelectronics 110N10F7 Datasheet HTML 11Page - STMicroelectronics 110N10F7 Datasheet HTML 12Page - STMicroelectronics 110N10F7 Datasheet HTML 13Page - STMicroelectronics 110N10F7 Datasheet HTML 14Page - STMicroelectronics 110N10F7 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STL110N10F7
14/15
DocID024004 Rev 4
6
Revision history
Table 9. Document revision history
Date
Revision
Changes
03-Dec-2012
1
First release.
12-Dec-2013
2
– Modified: PTOT value and Figure 1 in cover page
– Modified: ID, IDM and PTOT values in Table 2
– Added: EAS value in Table 2
– Modified: all values in Table 3
– Modified: IDSS, IGSS and ID for RDS(on)
– Updated: the entire typical values in Table 5, 6 and 7
– Updated: Figure 13, 14, 15 and 16
– Minor text changes
25-Mar-2014
3
– Updated title and features on cover page.
– Added PTOT value at TC = 25 °C in Table 2: Absolute maximum
ratings.
– Updated Section 4: Package mechanical data.
20-Aug-2014
4
– Modified: title, features and description
– Modified: Figure 2 and 3
– Updated: Section 4: Package mechanical data
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com