Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM632X Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM632X
Description  5-pin supervisor with watchdog timer and push-button reset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM632X Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM632X Datasheet HTML 19Page - STMicroelectronics STM632X Datasheet HTML 20Page - STMicroelectronics STM632X Datasheet HTML 21Page - STMicroelectronics STM632X Datasheet HTML 22Page - STMicroelectronics STM632X Datasheet HTML 23Page - STMicroelectronics STM632X Datasheet HTML 24Page - STMicroelectronics STM632X Datasheet HTML 25Page - STMicroelectronics STM632X Datasheet HTML 26Page - STMicroelectronics STM632X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
DocID11110 Rev 13
23/31
STM632x, STM682x
DC and AC parameters
30
Reset threshold
temperature coefficient
40
ppm/
C
Push-button reset input
tMLMH
tMR
MR pulse width
1
µs
tMLRL
tMRD
MR to RST output delay
500
ns
MR glitch immunity
100
ns
MR pull-up resistor
35
52
75
k
Ω
Watchdog timer
tWD (6)
Watchdog timeout period
1.12
1.60
2.24
s
WDI pulse width(7)
VCC ≥ 3.0 V
50
ns
1. Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 4.5 to 5.5 V for “L/M” versions; VCC = 2.7 to 3.6 V for
“T/S/R” versions; and VCC = 1.2 to 2.75 V for “Z/Y” version (except where noted).
2. VCC (min.) = 1.0 V for TA = 0 to +85 °C.
3. WDI input is designed to be driven by a three-state output device. To float WDI, the “high-impedance mode” of the output
device must have a maximum leakage current of 10 µA and a maximum output capacitance of 200 pF. The output device
must also be able to source and sink at least 200 µA when active.
4. WDI is internally serviced within the watchdog period if WDI is left unconnected.
5. The leakage current measured on the RST pin is tested with the reset asserted (output high impedance).
6. Other trec offered for tWD (102 ms, 6.3 ms, and 25.6 s options). Minimum order quantities may apply. Contact local sales
office for availability.
7.
For VCC < 3.0 V, tWD(min.) = 100 ns.
Table 6. DC and AC characteristics (continued)
Sym-
bol
Alter-
native
Description
Test condition(1)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com