Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD03PQR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STODD03PQR
Description  Monolithic 2-channel power management for high-definition ODD with integrated power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD03PQR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STODD03PQR Datasheet HTML 7Page - STMicroelectronics STODD03PQR Datasheet HTML 8Page - STMicroelectronics STODD03PQR Datasheet HTML 9Page - STMicroelectronics STODD03PQR Datasheet HTML 10Page - STMicroelectronics STODD03PQR Datasheet HTML 11Page - STMicroelectronics STODD03PQR Datasheet HTML 12Page - STMicroelectronics STODD03PQR Datasheet HTML 13Page - STMicroelectronics STODD03PQR Datasheet HTML 14Page - STMicroelectronics STODD03PQR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STODD03
Package mechanical data
Doc ID 018980 Rev 1
11/16
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions, and product status, are available at www.st.com.
ECOPACK is an ST trademark.
Table 9.
QFN16 (4 x 4 mm) mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.20
b
0.25
0.30
0.35
D
3.90
4.00
4.10
D2
2.50
2.80
E
3.90
4.00
4.10
E2
2.50
2.80
e0.65
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com