Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CPC05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16CPC05
Description  Low voltage 16-bit constant current LED sink driver with balanced output rise/fall time
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC05 Datasheet(HTML) 1 Page - STMicroelectronics

  STP16CPC05 Datasheet HTML 1Page - STMicroelectronics STP16CPC05 Datasheet HTML 2Page - STMicroelectronics STP16CPC05 Datasheet HTML 3Page - STMicroelectronics STP16CPC05 Datasheet HTML 4Page - STMicroelectronics STP16CPC05 Datasheet HTML 5Page - STMicroelectronics STP16CPC05 Datasheet HTML 6Page - STMicroelectronics STP16CPC05 Datasheet HTML 7Page - STMicroelectronics STP16CPC05 Datasheet HTML 8Page - STMicroelectronics STP16CPC05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
March 2017
DocID15352 Rev 5
1/31
This is information on a product in full production.
www.st.com
STP16CPC05
Low voltage 16-bit constant current LED sink driver with
balanced output rise/fall time
Datasheet - production data
Features
Low voltage power supply down to 3 V
16 constant current output channels
Adjustable output current through external
resistor
Serial data IN/parallel data OUT
Can be driven by a 3.3 V microcontroller
Output current: 5-100 mA
Max clock frequency 30 MHz
ESD protection 2.5 kV HBM, 200 V MM
Description
The STP16CPC05 is a monolithic, low voltage,
low current power 16-bit shift register designed
for LED panel displays. The STP16CPC05
contains a 16-bit serial-in, parallel-out shift
register that feeds a 16-bit, D-type storage
register. In the output stage, sixteen regulated
current sources provide from 5 mA to 100 mA
constant current to drive the LEDs. The
STP16CPC05`s output stage is designed to
optimize the turn-on and turn-off time, typically
100 nS. The balanced turning ON/OFF improves
the system performances reducing the bypass
capacitance in applications where parasitic
inductance generate ringing or noise in the
system. The LEDs' brightness can be controlled
by using an external resistor to adjust the
STP16CPC05 output current. The STP16CPC05
guarantees a 20 V output driving capability,
allowing users to connect more LEDs in series.
The high clock frequency, 30 MHz, makes the
device suitable for high data rate transmission.
The 3.3 V voltage supply is useful in applications
that interface with a 3.3 V microcontroller.
Table 1: Device summary
Order code
Package
Packing
STP16CPC05MTR
SO-24
1000 parts per reel
STP16CPC05TTR
TSSOP24
2500 parts per reel
STP16CPC05XTTR
TSSOP24 exposed pad
2500 parts per reel
STP16CPC05PTR
QSOP-24
2500 parts per reel


Similar Part No. - STP16CPC05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CPC05MTR STMICROELECTRONICS-STP16CPC05MTR Datasheet
918Kb / 27P
Low voltage 16-bit constant current LED sink driver with balanced output rise/fall time
29-Oct-2009
More results

Similar Description - STP16CPC05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
22-Jul-2005
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC05MTR STMICROELECTRONICS-STP16CPC05MTR Datasheet
918Kb / 27P
Low voltage 16-bit constant current LED sink driver with balanced output rise/fall time
29-Oct-2009
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com