Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CPPS05 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP16CPPS05
Description  Low voltage 16-bit constant current LED sink driver with auto power-saving
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPPS05 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP16CPPS05 Datasheet HTML 3Page - STMicroelectronics STP16CPPS05 Datasheet HTML 4Page - STMicroelectronics STP16CPPS05 Datasheet HTML 5Page - STMicroelectronics STP16CPPS05 Datasheet HTML 6Page - STMicroelectronics STP16CPPS05 Datasheet HTML 7Page - STMicroelectronics STP16CPPS05 Datasheet HTML 8Page - STMicroelectronics STP16CPPS05 Datasheet HTML 9Page - STMicroelectronics STP16CPPS05 Datasheet HTML 10Page - STMicroelectronics STP16CPPS05 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
STP16CPPS05
Electrical characteristics
DocID16536 Rev 4
7/31
VDD = 3.3 V to 5 V, TA = 25 °C, unless otherwise specified.
Table 8: Switching characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPLH1
Propagation delay time,
CLK- OUTn , LE = H,
OE
= L
VIH = VDD
VIL = GND
CL = 10 pF
IO = 20 mA
VL = 3.0 V
Rext
= 1 KΩ
RL = 60 Ω
VDD = 3.3 V
-
53.5
86.5
ns
VDD = 5 V
-
32
46.5
tPLH2
Propagation delay time,
LE- OUTn ,
OE
= L
VDD = 3.3 V
-
48
75.5
ns
VDD = 5 V
-
30
43
tPLH3
Propagation delay time,
OE - OUTn , LE = H
VDD = 3.3 V
-
71.5
118
ns
VDD = 5 V
-
43
62
tPLH
Propagation delay time,
CLK-SDO
VDD = 3.3 V
15
21
31
ns
VDD = 5 V
11
15
21
tPHL1
Propagation delay time,
CLK- OUTn , LE = H,
OE
= L
VDD = 3.3 V
-
27.5
39
ns
VDD = 5 V
-
22
30.5
tPHL2
Propagation delay time,
LE- OUTn , OE
= L
VDD = 3.3 V
-
11.5
17.5
ns
VDD = 5 V
-
8
11.5
tPHL3
Propagation delay time,
OE - OUTn , LE = H
VDD = 3.3 V
-
24
33.5
ns
VDD = 5 V
-
21
28.5
tPHL
Propagation delay time,
CLK-SDO
VDD = 3.3 V
17.5
24
36
ns
VDD = 5 V
12.5
17
25
tON
Output rise time
10~90% of voltage
waveform
VDD = 3.3 V
-
29
54
ns
VDD = 5 V
-
10
17
tOFF
Output fall time
90~10% of voltage
waveform
VDD = 3.3 V
-
4.5
6
ns
VDD = 5 V
-
3.5
5
tr
CLK rise time (1)
-
5000
ns
tf
CLK fall time (1)
-
5000
ns
Notes:
(1) In order to achieve high cascade data transfer, please consider tr/tf timings carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com