Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CPC05PTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STP16CPC05PTR
Description  Low voltage 16-bit constant current LED sink driver with balanced output rise/fall time
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC05PTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STP16CPC05PTR Datasheet HTML 21Page - STMicroelectronics STP16CPC05PTR Datasheet HTML 22Page - STMicroelectronics STP16CPC05PTR Datasheet HTML 23Page - STMicroelectronics STP16CPC05PTR Datasheet HTML 24Page - STMicroelectronics STP16CPC05PTR Datasheet HTML 25Page - STMicroelectronics STP16CPC05PTR Datasheet HTML 26Page - STMicroelectronics STP16CPC05PTR Datasheet HTML 27Page - STMicroelectronics STP16CPC05PTR Datasheet HTML 28Page - STMicroelectronics STP16CPC05PTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
STP16CPC05
Package information
DocID15352 Rev 5
25/31
Table 14: TSSOP24 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.1
A1
0.05
0.15
A2
0.9
b
0.19
0.30
c
0.09
0.20
D
7.7
7.9
E
4.3
4.5
e
0.65 BSC
H
6.25
6.5
K
0°
8°
L
0.50
0.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com