Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPP05XTTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STP16DPP05XTTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPP05XTTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STP16DPP05XTTR Datasheet HTML 14Page - STMicroelectronics STP16DPP05XTTR Datasheet HTML 15Page - STMicroelectronics STP16DPP05XTTR Datasheet HTML 16Page - STMicroelectronics STP16DPP05XTTR Datasheet HTML 17Page - STMicroelectronics STP16DPP05XTTR Datasheet HTML 18Page - STMicroelectronics STP16DPP05XTTR Datasheet HTML 19Page - STMicroelectronics STP16DPP05XTTR Datasheet HTML 20Page - STMicroelectronics STP16DPP05XTTR Datasheet HTML 21Page - STMicroelectronics STP16DPP05XTTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Error detection mode functionality
STP16DPP05
18/34
DocID16518 Rev 4
7
Error detection mode functionality
7.1
Phase one: entering error detection mode
From the “normal mode” condition the device can switch to “error mode” by a logic
sequence on the OE/DM2
and LE/DM1 pins, as shown in the following table and
diagram:
Table 13: Entering error detection mode - truth table
CLK
1°
2°
3°
4°
5°
OE/DM2
H
L
H
H
H
LE/DM1
L
L
L
H
L
Figure 18: Entering error detection mode - timing diagram
After these five CLK cycles, the device goes into “error detection mode” and at the rising
edge of the 6th CLK cycle, the SDI data are ready for sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com