Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP90N6F6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP90N6F6
Description  N-channel 60 V, 0.0057 Ω typ., 90 A STripFET™ F6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP90N6F6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP90N6F6 Datasheet HTML 5Page - STMicroelectronics STP90N6F6 Datasheet HTML 6Page - STMicroelectronics STP90N6F6 Datasheet HTML 7Page - STMicroelectronics STP90N6F6 Datasheet HTML 8Page - STMicroelectronics STP90N6F6 Datasheet HTML 9Page - STMicroelectronics STP90N6F6 Datasheet HTML 10Page - STMicroelectronics STP90N6F6 Datasheet HTML 11Page - STMicroelectronics STP90N6F6 Datasheet HTML 12Page - STMicroelectronics STP90N6F6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
STP90N6F6
12/13
DocID025190 Rev 3
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
03-Sep-2013
1
Initial release.
03-Apr-2014
2
Document status promoted from preliminary to production data.
Updated new section curves.
Minor text changes.
13-Mar-2015
3
Minor text edits throughout document
On cover page: updated title descritpion, features table and descritpion
In section 1 Electrical ratings: renamed and updated Table 5 "Static"
(was On/off states), Table 6 "Dynamic", Table 7 "Switching times",
Table 8 "Source-drain diode"
In section 2 Electrical characteristics: updated Table 2 "Absolute
maximum ratings" and Table 4 "Avalanche charateristics"; updated
Section 2.1 Electrical characteristics (curves)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com