Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP105N3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP105N3LL
Description  Low gate drive power losses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP105N3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STP105N3LL Datasheet HTML 1Page - STMicroelectronics STP105N3LL Datasheet HTML 2Page - STMicroelectronics STP105N3LL Datasheet HTML 3Page - STMicroelectronics STP105N3LL Datasheet HTML 4Page - STMicroelectronics STP105N3LL Datasheet HTML 5Page - STMicroelectronics STP105N3LL Datasheet HTML 6Page - STMicroelectronics STP105N3LL Datasheet HTML 7Page - STMicroelectronics STP105N3LL Datasheet HTML 8Page - STMicroelectronics STP105N3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID023976 Rev 2
3/13
STP105N3LL
Electrical ratings
13
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
30
V
V
GS
Gate-source voltage
± 20
V
I
D
Continuous drain current at T
C
= 25 °C
(silicon limited)
150
A
I
D
Continuous drain current at T
C
= 100 °C
(silicon limited)
105
A
I
D
Continuous drain current at T
C
= 25 °C
(package limited)
80
A
I
DM
(1)
1.
Pulse width limited by safe operating area
Pulsed drain current
320
A
P
TOT
Total dissipation at T
C
= 25 °C
140
W
Derating factor
0.9
W/°C
E
AS
(2)
2.
Starting T
j
= 25°C, I
AV
= 40 A
Single pulse avalanche energy
150
mJ
T
stg
Storage temperature
-55 to 175
°C
T
j
Max. operating junction temperature
175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
1.1
°C/W
R
thj-amb
Thermal resistance junction-ambient max
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com