Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P105N3LL Datasheet(PDF) 6 Page - STMicroelectronics

Part # P105N3LL
Description  Low gate drive power losses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P105N3LL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button P105N3LL Datasheet HTML 2Page - STMicroelectronics P105N3LL Datasheet HTML 3Page - STMicroelectronics P105N3LL Datasheet HTML 4Page - STMicroelectronics P105N3LL Datasheet HTML 5Page - STMicroelectronics P105N3LL Datasheet HTML 6Page - STMicroelectronics P105N3LL Datasheet HTML 7Page - STMicroelectronics P105N3LL Datasheet HTML 8Page - STMicroelectronics P105N3LL Datasheet HTML 9Page - STMicroelectronics P105N3LL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STP105N3LL
6/13
DocID023976 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
100µs
10ms
1ms
0.01
Tj=175°C
Tc=25°C
Single pulse
1s
100
AM18155v1
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-1
10
-5
10
-2
10
-2
10
-1
10
0
c
AM18156v1
ID
250
150
50
0
0
1
VDS(V)
2
(A)
3
1V
VGS= 4, 5, 6, 7, 8, 9, 10V
100
200
4
2V
3V
300
AM18157v1
ID
300
200
100
0
0
2
VGS(V)
4
(A)
1
3
50
150
250
VDS=1V
AM18158v1
VGS
6
4
2
0
0
40
Qg(nC)
(V)
8
60
80
10
VDD=15V
ID=80A
20
AM18159v1
RDS(on)
2.60
2.50
2.40
0
40
ID(A)
(m
Ω)
20
60
2.70
VGS=10V
80
2.80
2.90
AM18160v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com