Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP160N3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP160N3LL
Description  Very low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP160N3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STP160N3LL Datasheet HTML 1Page - STMicroelectronics STP160N3LL Datasheet HTML 2Page - STMicroelectronics STP160N3LL Datasheet HTML 3Page - STMicroelectronics STP160N3LL Datasheet HTML 4Page - STMicroelectronics STP160N3LL Datasheet HTML 5Page - STMicroelectronics STP160N3LL Datasheet HTML 6Page - STMicroelectronics STP160N3LL Datasheet HTML 7Page - STMicroelectronics STP160N3LL Datasheet HTML 8Page - STMicroelectronics STP160N3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2015
DocID025073 Rev 3
1/13
This is information on a product in full production.
www.st.com
STP160N3LL
N-
channel 30 V, 2.5 mΩ typ., 120 A STripFET™ H6
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STP160N3LL
30 V
3.2 mΩ
120 A
136 W
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using the STripFET™ H6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packing
STP160N3LL
160N3LL
TO-220
Tube


Similar Part No. - STP160N3LL

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP160N3LL DOINGTER-STP160N3LL Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
STP160N3LL ISC-STP160N3LL Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP160N3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
Very low on-resistance
20-Oct-2015
STD64N4F6AG STMICROELECTRONICS-STD64N4F6AG Datasheet
471Kb / 15P
Very low on-resistance
10-Jun-2015
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
Very low on-resistance
March 2014 Rev 2
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
Very low on-resistance
26-Nov-2014
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
Very low on-resistance
05-Dec-2014
STR1P2UH7 STMICROELECTRONICS-STR1P2UH7 Datasheet
613Kb / 12P
Very low on-resistance
05-Jun-2015
STR2P3LLH6 STMICROELECTRONICS-STR2P3LLH6 Datasheet
547Kb / 12P
Very low on-resistance
03-Nov-2014
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
Very low on-resistance
15-Mar-2016
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
Very low on-resistance
September 2016 Rev 3
STT7P2UH7 STMICROELECTRONICS-STT7P2UH7 Datasheet
488Kb / 13P
Very low on-resistance
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com