Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM829ECT Datasheet(PDF) 2 Page - Microchip Technology

Part # TCM829ECT
Description  Switched Capacitor Voltage Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829ECT Datasheet(HTML) 2 Page - Microchip Technology

  TCM829ECT Datasheet HTML 1Page - Microchip Technology TCM829ECT Datasheet HTML 2Page - Microchip Technology TCM829ECT Datasheet HTML 3Page - Microchip Technology TCM829ECT Datasheet HTML 4Page - Microchip Technology TCM829ECT Datasheet HTML 5Page - Microchip Technology TCM829ECT Datasheet HTML 6Page - Microchip Technology TCM829ECT Datasheet HTML 7Page - Microchip Technology TCM829ECT Datasheet HTML 8Page - Microchip Technology TCM829ECT Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
TCM828/829-4
5/22/00
Switched Capacitor
Voltage Converters
TCM828
TCM829
© 2001 Microchip Technology Inc.
DS21488A
ABSOLUTE MAXIMUM RATINGS*
Input Voltage (VIN to GND) ......................... +6.0V, – 0.3V
Output Voltage (OUT to GND) .................... –6.0V, + 0.3V
Current at OUT Pin .................................................. 50mA
Short-Circuit Duration – OUT to GND ................ Indefinite
Operating Temperature Range ............... – 40
°C to +85°C
Power Dissipation (TA ≤ 70°C)
5-Pin SOT-23A ............................................... 240mW
Storage Temperature (Unbiased) ......... – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: TA = 0°C to +85°C, VIN = +5V, C1 = C2 = 10µF (TCM828), C1 = C2 = 3.3µF
(TCM829), unless otherwise noted. Typical values are at TA = +25°C.
Symbol Parameter
Device
Test Conditions
Min
Typ
Max
Unit
IDD
Supply Current
TCM828
TA = +25°C
—
50
90
µA
TCM829
—
115
260
V
+
Minimum Supply
RLOAD = 10kΩ: TA = 0°C to +85°C
1.5
—
—
V
Voltage
V
+
Maximum Supply
RLOAD = 10kΩ
—
—
5.5
V
Voltage
FOSC
Oscillator Frequency
TCM828
TA = +25°C
8.4
12
15.6
kHz
TCM829
24.5
35
45.5
PEFF
Power Efficiency
ILOAD = 3mA, TA = +25°C—
96
—
%
VEFF
Voltage Conversion
RLOAD = ∞
95
99.9
—
%
Efficiency
ROUT
Output Resistance
IOUT = 5mA, TA = 25°C
—
25
50
Ω
TA = 0°C to +85°C—
—
65
ELECTRICAL CHARACTERISTICS: TA = – 40°C to +85°C, VIN = +5V, C1 = C2 = 10µF (TCM828), C1 = C2 = 3.3µF
(TCM829) unless otherwise noted. Typical values are at TA = +25°C. (Note 2)
Symbol Parameter
Device
Test Conditions
Min
Typ
Max
Unit
IDD
Supply Current
TCM828
—
—
115
µA
TCM829
—
—
325
V
+
Supply Voltage Range
RLOAD = 10kΩ
1.5
—
5.5
V
FOSC
Oscillator Frequency
TCM828
6
—
20
kHz
TCM829
19
—
54.3
ROUT
Output Resistance
IOUT = 5mA
—
—
65
Ω
PIN DESCRIPTION
Pin No.
(5-Pin SOT-23A)
Symbol
Description
1
OUT
Inverting charge pump output.
2VIN
Positive power supply input.
3C
–
1
Commutation capacitor negative terminal.
4
GND
Ground.
5C1
+
Commutation capacitor positive terminal.
NOTE: 1. Capacitor contribution is approximately 20% of the output impedance [ESR = 1 / pump frequency x capacitance)].
NOTE: 2. All – 40
°C to +85°C specifications above are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com