Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFTHV42MP2637 Datasheet(PDF) 5 Page - AVX Corporation

Part # DFTHV42MP2637
Description  Medium Power Film Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV42MP2637 Datasheet(HTML) 5 Page - AVX Corporation

  DFTHV42MP2637 Datasheet HTML 1Page - AVX Corporation DFTHV42MP2637 Datasheet HTML 2Page - AVX Corporation DFTHV42MP2637 Datasheet HTML 3Page - AVX Corporation DFTHV42MP2637 Datasheet HTML 4Page - AVX Corporation DFTHV42MP2637 Datasheet HTML 5Page - AVX Corporation DFTHV42MP2637 Datasheet HTML 6Page - AVX Corporation DFTHV42MP2637 Datasheet HTML 7Page - AVX Corporation DFTHV42MP2637 Datasheet HTML 8Page - AVX Corporation DFTHV42MP2637 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
59
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
MEAN TIME BETWEEN FAILURE (MTBF)
MTBF = 1
/λ hours
MTBF CALCULATION
GENERAL FAILURE RATE
Based on Return Of Experience from the field of more than 30 years, we have established the following relation.
The failure rate
λB depends on hot spot temperature θHS and charge ratio ρ.
ρ = Uw/Un
(
)
)
(
in failures/hour
λ=λB x πQ x πB x πE failures/hour • πQ, πB and πE see following tables
Qualification
Qualification
factor πQ
Product qualified on IEC61071
1
and internal qualification
Product qualified on IEC61071
2
Product answering on
5
another norm
Product without qualification
15
Environment
Environment
factor πE
On ground (good conditions)
1
On ground (fixed materials)
2
On ground (on board)
4
On ship
9
On plane
15
Environment
Environment
factor πB
Favorable
1
Unfavourable
5
SURVIVAL FUNCTION
N = N0 x exp (-
λt)
N is the number of pieces still working after t hours.
N0 is the number of pieces at the origin (t = 0)
FAILURE MODE
Main failure mode due to AVX’s Controlled Self-Healing Technology is only losses of capacitance. Thanks to Controlled
Self-Healing solution to interrupt self-healing process in order to prevent avalanche effect due to polypropylene molecular
cracking producing gas and potential explosion in confined box for none Controlled Self-Healing capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com