Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP320 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP320
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP320 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP320 Datasheet HTML 1Page - Toshiba Semiconductor TLP320 Datasheet HTML 2Page - Toshiba Semiconductor TLP320 Datasheet HTML 3Page - Toshiba Semiconductor TLP320 Datasheet HTML 4Page - Toshiba Semiconductor TLP320 Datasheet HTML 5Page - Toshiba Semiconductor TLP320 Datasheet HTML 6Page - Toshiba Semiconductor TLP320 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP320,TLP320-2,TLP320-4
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Rating
Characteristic
Symbol
TLP320
TLP320
-2
TLP320
-4
Unit
Forward current
IF
±150
mA
Forward current derating
∆IF /°C
-1.5 (Ta ≥ 25°C)
mA / °C
Pulse forward current
IFP
±1 (100µs pulse, 100pps)
A
Junction temperature
Tj
125
°C
Collector
-emitter voltage
VCEO
55
V
Emitter
-collector voltage
VECO
7
V
Collector current
IC
80
mA
Collector power dissipation
(1 circuit)
PC
150
100
mW
Collector power dissipation
derating (1 circuit, Ta ≥ 25°C)
∆PC / °C
-1.5
-1.0
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-55~100
°C
Lead soldering temperature
Tsol
260 (10s)
°C
Total package power dissipation
PT
250
200
mW
Total package power dissipation
derating (Ta≥25°C)
∆PT / °C
-2.5
2.0
mW / °C
Isolation voltage
(Note 1)
BVS
5000 (AC, 1min., R.H. ≤ 60%)
Vrms
(Note 1)
Device consider a two terminal: LED side pins shorted together and detector
side pins shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF
―
20
120
mA
Collector current
IC
―
1
10
mA
Operating temperature
Topr
-25
―
85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com