Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M120C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS40M120C
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M120C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS40M120C Datasheet HTML 1Page - STMicroelectronics STPS40M120C Datasheet HTML 2Page - STMicroelectronics STPS40M120C Datasheet HTML 3Page - STMicroelectronics STPS40M120C Datasheet HTML 4Page - STMicroelectronics STPS40M120C Datasheet HTML 5Page - STMicroelectronics STPS40M120C Datasheet HTML 6Page - STMicroelectronics STPS40M120C Datasheet HTML 7Page - STMicroelectronics STPS40M120C Datasheet HTML 8Page - STMicroelectronics STPS40M120C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS40M120C
Characteristics
Doc ID 022916 Rev 1
3/9
To evaluate the conduction losses use the following equation:
P = 0.54 x IF(AV) + 0.0065 x IF
2
(RMS)
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
75
370
µA
Tj = 125 °C
-
25
70
mA
VF
(2)
Forward voltage drop
Tj = 125 °C
IF = 5 A
-
0.44
0.49
V
Tj = 125 °C
IF = 10 A
-
0.52
0.57
Tj = 25 °C
IF = 20 A
-0.79
Tj = 125 °C
-
0.61
0.67
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%
Figure 2.
Average forward power dissipation
versus average forward current (per
diode)
Figure 3.
Average forward current versus
ambient temperature (
δ = 0.5, per
diode)
0
4
8
12
16
20
0
4
8
121620
2428
P
(W)
F(AV)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
T
δ = t / T
p
t
p
I
(A)
F(AV)
0
4
8
12
16
20
24
0
25
50
75
100
125
150
I
(A)
F(AV)
Rth(j-a) = Rth(j-c)
T
(°C)
amb
Figure 4.
Normalized avalanche power
derating versus pulse duration
Figure 5.
Relative variation of thermal
impedance junction to case versus
pulse duration
P(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
Single pulse
t (s)
p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com