Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC8H065C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPSC8H065C
Description  High forward surge capability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8H065C Datasheet(HTML) 5 Page - STMicroelectronics

  STPSC8H065C Datasheet HTML 1Page - STMicroelectronics STPSC8H065C Datasheet HTML 2Page - STMicroelectronics STPSC8H065C Datasheet HTML 3Page - STMicroelectronics STPSC8H065C Datasheet HTML 4Page - STMicroelectronics STPSC8H065C Datasheet HTML 5Page - STMicroelectronics STPSC8H065C Datasheet HTML 6Page - STMicroelectronics STPSC8H065C Datasheet HTML 7Page - STMicroelectronics STPSC8H065C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DocID024808 Rev 2
5/8
STPSC8H065C
Package information
8
2
Package information
Epoxy meets UL94, V0
Cooling method: conduction (C)
Recommended torque value: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:www.st.com.
ECOPACK® is an ST trademark.
Figure 9. TO-220AB dimension definitions
A
F
D1
J1
H1
∅P
Q
D
L1
L
b
E
e1
e
L20
L30
b1
c
Resin gate
0.5 mm max.
protrusion(1)
Resin gate
0.5 mm max.
protrusion(1)
(1) Resin gate position accepted in each of the two
position shown as well as the symmetrical opposites



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com