Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC40065C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC40065C
Description  Dedicated to PFC applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC40065C Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC40065C Datasheet HTML 1Page - STMicroelectronics STPSC40065C Datasheet HTML 2Page - STMicroelectronics STPSC40065C Datasheet HTML 3Page - STMicroelectronics STPSC40065C Datasheet HTML 4Page - STMicroelectronics STPSC40065C Datasheet HTML 5Page - STMicroelectronics STPSC40065C Datasheet HTML 6Page - STMicroelectronics STPSC40065C Datasheet HTML 7Page - STMicroelectronics STPSC40065C Datasheet HTML 8Page - STMicroelectronics STPSC40065C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPSC40065C
4/9
DocID027965 Rev 3
1.1
Characteristics (curves)
Figure 1: Forward voltage drop versus forward
current (typical values, per diode)
Figure 2: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
Figure 3: Peak forward current versus case
temperature (per diode)
Figure 4: Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 5: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 6: Non-repetitive peak surge forward
current versus pulse duration (sinusoidal
waveform, per diode)
0
5
10
15
20
25
30
35
40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VF(V)
IF(A)
T
a=150 °C
T
a=175 °C
Pulse test : t
p=500 µs
T
a=25 °C
T
a=100 °C
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
50
100 150
200
250
300 350
400
450
500 550
600
650
VR(V)
IR(µA)
T
j=25 °C
T
j=150 °C
T
j=175 °C
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
TC(°C)
IM(A)
T
δ=tp/T
tp
δ=0.1
δ=0.3
δ=0.5
δ=1
δ=0.7
0
200
400
600
800
1000
1200
1400
0.1
1.0
10.0
100.0
1000.0
VR(V)
Cj(pF)
F=1 MHz
V
O S C =30 mVRMS
T
j=25 °C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Zth(j-c) /Rth(j-c)
Single pulse
1.E+01
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
tp(s)
IFSM(A)
T
a=25 °C
T
a=125 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com