Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8147SCIS0 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DM8147SCIS0
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM8147SCIS0 Datasheet(HTML) 2 Page - Texas Instruments

  DM8147SCIS0 Datasheet HTML 1Page - Texas Instruments DM8147SCIS0 Datasheet HTML 2Page - Texas Instruments DM8147SCIS0 Datasheet HTML 3Page - Texas Instruments DM8147SCIS0 Datasheet HTML 4Page - Texas Instruments DM8147SCIS0 Datasheet HTML 5Page - Texas Instruments DM8147SCIS0 Datasheet HTML 6Page - Texas Instruments DM8147SCIS0 Datasheet HTML 7Page - Texas Instruments DM8147SCIS0 Datasheet HTML 8Page - Texas Instruments DM8147SCIS0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
•
One 8-/16-/24-Bit Input and One 8-Bit Only
or OTG
Input Channels
– Supports End Points 0–15
– Two 165-MHz HD Video Display Outputs
• One PCI Express 2.0 Port With Integrated PHY
•
One 16-, 24-, or 30-Bit Output and One 16-
– Single Port With One Lane at 5.0 GT/s
or 24-Bit Output
– Configurable as Root Complex or Endpoint
– Composite or S-Video Analog Output
• Eight 32-Bit General-Purpose Timers
– Macrovision® Support Available
(Timer1–8)
– Digital HDMI 1.3 Transmitter With Integrated
• One System Watchdog Timer (WDT0)
PHY
• Six Configurable UART/IrDA/CIR Modules
– Advanced Video Processing Features Such
– UART0 With Modem Control Signals
as Scan, Format, Rate Conversion
– Supports up to 3.6864 Mbps UART0/1/2
– Three Graphics Layers and Compositors
– Supports up to 12 Mbps UART3/4/5
• Dual 32-Bit DDR2/DDR3 SDRAM Interfaces
– SIR, MIR, FIR (4.0 MBAUD), and CIR
– Supports up to DDR2-800 and DDR3-1066
• Four Serial Peripheral Interfaces (SPIs) (up to
– Up to Eight x 8 Devices Total 2GB of Total
48 MHz)
Address Space
– Each With Four Chip Selects
– Dynamic Memory Manager (DMM)
• Three MMC/SD/SDIO Serial Interfaces (up to
•
Programmable Multi-Zone Memory
48 MHz)
Mapping and Interleaving
– Three Supporting up to 1-, 4-, or 8-Bit Modes
•
Enables Efficient 2D Block Accesses
• Dual Controller Area Network (DCAN) Modules
•
Supports Tiled Objects in 0°, 90°, 180°, or
– CAN Version 2 Part A, B
270° Orientation and Mirroring
• Four Inter-Integrated Circuit (I2C Bus) Ports
•
Optimizes Interlaced Accesses
• Six Multichannel Audio Serial Ports (McASPs)
• General-Purpose Memory Controller (GPMC)
– Dual Ten Serializer Transmit and Receive
– 8- or 16-Bit Multiplexed Address and Data
Ports
Bus
– Quad Four Serializer Transmit and Receive
– 512MB of Address Space Divided Among up
Ports
to 8 Chip Selects
– DIT-Capable For S/PDIF (All Ports)
– Glueless Interface to NOR Flash, NAND
• Multichannel Buffered Serial Port (McBSP)
Flash (BCH/Hamming Error Code Detection),
– Transmit and Receive Clocks up to 48 MHz
SRAM and Pseudo-SRAM
– Two Clock Zones and Two Serial Data Pins
– Error Locator Module (ELM) Outside of
– Supports TDM, I2S, and Similar Formats
GPMC to Provide Up to 16-Bit or 512-Byte
Hardware ECC for NAND
• Serial ATA (SATA) 3.0 Gbps Controller With
Integrated PHY
– Flexible Asynchronous Protocol Control for
Interface to FPGA, CPLD, ASICs, and so
– Direct Interface to One Hard Disk Drive
Forth
– Hardware-Assisted Native Command
• Enhanced Direct Memory Access (EDMA)
Queuing (NCQ) from up to 32 Entries
Controller
– Supports Port Multiplier and Command-
– Four Transfer Controllers
Based Switching
– 64 Independent DMA Channels and 8
• Real-Time Clock (RTC)
Independent QDMA Channels
– One-Time or Periodic Interrupt Generation
• Dual Port Ethernet (10/100/1000 Mbps) With
• Up to 128 General-Purpose I/O (GPIO) Pins
Optional Switch
• One Spin Lock Module with up to 128 Hardware
– IEEE 802.3 Compliant (3.3-V I/O Only)
Semaphores
– MII/RMII/GMII/RGMII Media Independent
• One Mailbox Module with 12 Mailboxes
Interfaces
• On-Chip ARM ROM Bootloader (RBL)
– Management Data I/O (MDIO) Module
• Power, Reset, and Clock Management
– Reset Isolation
– Multiple Independent Core Power Domains
– IEEE 1588 Time-Stamping and Industrial
– Multiple Independent Core Voltage Domains
Ethernet Protocols
– Support for Three Operating Points (OPP100,
• Dual USB 2.0 Ports With Integrated PHYs
OPP120, OPP166) per Voltage Domain
– USB2.0 High- and Full-Speed Clients
– Clock Enable and Disable Control for
– USB2.0 High-, Full-, and Low-Speed Hosts,
Subsystems and Peripherals
2
High-Performance System-on-Chip (SoC)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com