Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENICSF2811PBKA Datasheet(PDF) 115 Page - Texas Instruments

Part # ENICSF2811PBKA
Description  Digital Signal Processors
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ENICSF2811PBKA Datasheet(HTML) 115 Page - Texas Instruments

Back Button ENICSF2811PBKA Datasheet HTML 111Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 112Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 113Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 114Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 115Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 116Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 117Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 118Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 172 page
background image
GPIO
XCLKOUT
(A)
t
r(GPO)
t
f(GPO)
t
d(XCOH-GPO)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174T – APRIL 2001 – REVISED MAY 2012
6.18 General-Purpose Input/Output (GPIO) – Output Timing
Table 6-24. General-Purpose Output Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(XCOH-GPO)
Delay time, XCLKOUT high to GPIO low/high
All GPIOs
1tc(SCO)
cycle
tr(GPO)
Rise time, GPIO switching low to high
All GPIOs
10
ns
tf(GPO)
Fall time, GPIO switching high to low
All GPIOs
10
ns
fGPO
Toggling frequency, GPO pins
20
MHz
A.
XCLKOUT = SYSCLKOUT
Figure 6-23. General-Purpose Output Timing
Copyright © 2001–2012, Texas Instruments Incorporated
Electrical Specifications
115
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com