Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENICSF2811PBKA Datasheet(PDF) 117 Page - Texas Instruments

Part # ENICSF2811PBKA
Description  Digital Signal Processors
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ENICSF2811PBKA Datasheet(HTML) 117 Page - Texas Instruments

Back Button ENICSF2811PBKA Datasheet HTML 113Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 114Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 115Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 116Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 117Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 118Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 119Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 120Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 172 page
background image
GPIOxn
XCLKOUT
t
w(GPI)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174T – APRIL 2001 – REVISED MAY 2012
Table 6-25. General-Purpose Input Timing Requirements
MIN
MAX
UNIT
With no qualifier
2tc(SCO)
Pulse duration GPIO
tw(GPI)
All GPIOs
cycles
low/high
With qualifier
1tc(SCO) + IQT
(1)
(1)
Input Qualification Time (IQT) = [tc(SCO) × 2 × QUALPRD] × 5 + [tc(SCO) × 2 × QUALPRD].
Figure 6-25. General-Purpose Input Timing
NOTE
The pulse width requirement for general-purpose input is applicable for the XBIO and
ADCSOC pins as well.
6.20 Serial Peripheral Interface (SPI) Master Mode Timing
Table 6-26 lists the master mode timing (clock phase = 0) and Table 6-27 lists the timing (clock
phase = 1). Figure 6-26 and Figure 6-27 show the timing waveforms.
Copyright © 2001–2012, Texas Instruments Incorporated
Electrical Specifications
117
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com