Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2685FIBZUTA7 Datasheet(PDF) 85 Page - Texas Instruments

Part # TNETV2685FIBZUTA7
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIBZUTA7 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TNETV2685FIBZUTA7 Datasheet HTML 81Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 82Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 83Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 84Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 85Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 86Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 87Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 88Page - Texas Instruments TNETV2685FIBZUTA7 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 191 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
device initialization is also started.
4. After device initialization is complete, the RESETSTAT pin is deasserted (driven high). By this time,
PLL2 has already completed its locking sequence and is outputting a valid clock. The system clocks of
both PLL controllers are allowed to finish their current cycles and then paused for 10 cycles of their
respective system reference clocks. After the pause, the system clocks are restarted at their default
divide-by settings.
The device is now out of reset; device execution begins as dictated by the selected boot mode.
6.7.2
Warm Reset (RESET Pin)
A warm reset has the same effect as a power-on reset, except that in this case, the test and emulation
logic are not reset.
The following sequence must be followed during a warm reset:
1. Hold the RESET pin low for a minimum of 24 CLKIN1 cycles. Within the low period of the RESET pin,
the following occurs:
(a) The Z-group pins, low-group pins, and the high-group pins are set to their reset state
(b) The reset signals flow to the entire chip (excluding the test and emulation logic), resetting modules
that use reset asynchronously
(c) The PLL Controllers are reset. PLL1 switches back to PLL bypass mode, resetting all their
registers to default values. Both PLL1 and PLL2 are placed in reset and lose lock. The PLL1
controller clocks start running at the frequency of the system reference clock. The clocks are
propagated throughout the chip to reset modules that use reset synchronously.
(d) The RESETSTAT pin becomes active (low), indicating the device is in reset.
2. The RESET pin may now be released (driven inactive high). When the RESET pin is released, the
configuration pin values are latched and the PLL controllers immediately change their system clocks to
their default divide-down values. Other device initialization is also started.
After device initialization is complete, the RESETSTAT pin goes inactive (high). All system clocks are
allowed to finish their current cycles and then paused for 10 cycles of their respective system reference
clocks. After the pause the system clocks are restarted at their default divide-by settings.
The clock and reset of each peripheral is determined by the default settings of the PSC.
The device is now out of reset, device execution begins as dictated by the selected boot mode.
6.7.3
Maximum Reset
A maximum (max) reset is initiated by the emulator. The effects are the same as a warm reset, except the
device boot and configuration pins are not re-latched. The emulator initiates a maximum reset via the
ICEPICK module. This ICEPICK initiated reset is nonmaskable.
The max reset sequence is as follows:
1. Max reset is initiated by the emulator. During this time, the following happens:
(a) The reset signals flow to the entire chip, resetting all the modules on chip except the test and
emulation logic.
(b) The PLL controllers are reset, PLL1 switches back to PLL bypass mode, resetting all their registers
to default values. Both PLL1 and PLL2 are placed in reset and lose lock.
(c) The RESETSTAT pin becomes asserted (low), indicating the device is in reset.
2. After device initialization is complete, the PLL Controllers pause the system clocks for 10 cycles. At the
end of these 10 cycles, the RESETSTAT pin is deasserted (driven high). At this point, the following
occurs:
(a) The I/O pins are controlled by the default peripherals (default peripherals are determined by
PINMUX register).
(b) The clock and reset of each peripheral is determined by the default settings of the power and sleep
controller (PSC).
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
85
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com