Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR2N2VH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR2N2VH5
Description  Low gate drive power loss
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR2N2VH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STR2N2VH5 Datasheet HTML 1Page - STMicroelectronics STR2N2VH5 Datasheet HTML 2Page - STMicroelectronics STR2N2VH5 Datasheet HTML 3Page - STMicroelectronics STR2N2VH5 Datasheet HTML 4Page - STMicroelectronics STR2N2VH5 Datasheet HTML 5Page - STMicroelectronics STR2N2VH5 Datasheet HTML 6Page - STMicroelectronics STR2N2VH5 Datasheet HTML 7Page - STMicroelectronics STR2N2VH5 Datasheet HTML 8Page - STMicroelectronics STR2N2VH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STR2N2VH5
4/13
DocID023799 Rev 4
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0, ID = 1 mA
20
V
IDSS
Zero gate voltage
drain current
VGS = 0, VDS = 20 V
1
µA
VGS = 0, VDS = 20 V,
TC=125 °C
10
µA
IGSS
Gate-body leakage
current
VDS = 0, VGS = ± 8 V
± 100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
0.7
V
RDS(on)
Static drain-source
on-resistance
VGS = 4.5 V, ID = 2 A
0.025
0.03
Ω
VGS = 2.5 V, ID = 2 A
0.031
0.04
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 16 V, f = 1 MHz
-
367
-
pF
Coss
Output capacitance
-
92
-
pF
Crss
Reverse transfer
capacitance
-16
-
pF
Qg
Total gate charge
VDD = 16 V, ID = 2 A,
VGS = 4.5 V
(see Figure 14)
-4.6
-
nC
Qgs
Gate-source charge
-
0.9
-
nC
Qgd
Gate-drain charge
-
1
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Voltage delay time
VDD = 16 V, ID = 2 A,
RG = 4.7 Ω, VGS = 4.5 V
(see Figure 15 and Figure 18)
-4.8
-
ns
tr (V)
Voltage rise time
-
14.4
-
ns
td (off)
Current fall time
-
17
-
ns
tf
Crossing time
-
4
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com