Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2685FIDZUT11 Datasheet(PDF) 77 Page - Texas Instruments

Part # TNETV2685FIDZUT11
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIDZUT11 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TNETV2685FIDZUT11 Datasheet HTML 73Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 74Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 75Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 76Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 77Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 78Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 79Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 80Page - Texas Instruments TNETV2685FIDZUT11 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 191 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-14. EDMA Channel Controller Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x02A0 1004
ERH
Event Register High
0x02A0 1008
ECR
Event Clear Register
0x02A0 100C
ECRH
Event Clear Register High
0x02A0 1010
ESR
Event Set Register
0x02A0 1014
ESRH
Event Set Register High
0x02A0 1018
CER
Chained Event Register
0x02A0 101C
CERH
Chained Event Register High
0x02A0 1020
EER
Event Enable Register
0x02A0 1024
EERH
Event Enable Register High
0x02A0 1028
EECR
Event Enable Clear Register
0x02A0 102C
EECRH
Event Enable Clear Register High
0x02A0 1030
EESR
Event Enable Set Register
0x02A0 1034
EESRH
Event Enable Set Register High
0x02A0 1038
SER
Secondary Event Register
0x02A0 103C
SERH
Secondary Event Register High
0x02A0 1040
SECR
Secondary Event Clear Register
0x02A0 1044
SECRH
Secondary Event Clear Register High
0x02A0 1048 - 0x02A0 104C
Reserved
0x02A0 1050
IER
Interrupt Enable Register
0x02A0 1054
IERH
Interrupt Enable Register High
0x02A0 1058
IECR
Interrupt Enable Clear Register
0x02A0 105C
IECRH
Interrupt Enable Clear Register High
0x02A0 1060
IESR
Interrupt Enable Set Register
0x02A0 1064
IESRH
Interrupt Enable Set Register High
0x02A0 1068
IPR
Interrupt Pending Register
0x02A0 106C
IPRH
Interrupt Pending Register High
0x02A0 1070
ICR
Interrupt Clear Register
0x02A0 1074
ICRH
Interrupt Clear Register High
0x02A0 1078
IEVAL
Interrupt Evaluate Register
0x02A0 107C
-
Reserved
0x02A0 1080
QER
QDMA Event Register
0x02A0 1084
QEER
QDMA Event Enable Register
0x02A0 1088
QEECR
QDMA Event Enable Clear Register
0x02A0 108C
QEESR
QDMA Event Enable Set Register
0x02A0 1090
QSER
QDMA Secondary Event Register
0x02A0 1094
QSECR
QDMA Secondary Event Clear Register
0x02A0 1098 - 0x02A0 1FFF
-
Reserved
0x02A0 2000- 0x02A0 2097
-
Shadow Region 0 Channel Registers
0x02A0 2098 - 0x02A0 21FF
-
Reserved
0x02A0 2200 - 0x02A0 2297
-
Shadow Region 1 Channel Registers
0x02A0 2298 - 0x02A0 23FF
-
Reserved
0x02A0 2400 - 0x02A0 2497
-
Shadow Region 2 Channel Registers
0x02A0 2498 - 0x02A0 25FF
-
Reserved
0x02A0 2600 - 0x02A0 2697
-
Shadow Region 3 Channel Registers
0x02A0 2698 - 0x02A0 27FF
-
Reserved
0x02A0 2800 - 0x02A0 2897
-
Shadow Region 4 Channel Registers
0x02A0 2898 - 0x02A0 29FF
-
Reserved
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
77
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com