Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR2550 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR2550
Description  Tape and reel packaging
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR2550 Datasheet(HTML) 4 Page - STMicroelectronics

  STR2550 Datasheet HTML 1Page - STMicroelectronics STR2550 Datasheet HTML 2Page - STMicroelectronics STR2550 Datasheet HTML 3Page - STMicroelectronics STR2550 Datasheet HTML 4Page - STMicroelectronics STR2550 Datasheet HTML 5Page - STMicroelectronics STR2550 Datasheet HTML 6Page - STMicroelectronics STR2550 Datasheet HTML 7Page - STMicroelectronics STR2550 Datasheet HTML 8Page - STMicroelectronics STR2550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
STR2550
4/10
DocID022365 Rev 5
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = -500 V
-10
µA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = -100 µA
-500
V
V(BR)CEO
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2%
Collector-emitter
breakdown voltage
(IB = 0)
IC = -1 mA
-500
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = -100 µA
-7
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -20 mA
IB = -2 mA
IC = -50 mA
IB = -10 mA
-0.2
-0.3
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -50 mA
IB = -10 mA
-1.0
V
VBE(on)
Base-emitter on voltage
IC = -50 mA
VCE = -10 V
-1.1
V
hFE
(1)
DC current gain
IC = -1 mA
VCE = -10 V
IC = -50 mA
VCE = -10 V
IC = -100 mA VCE = -10 V
100
100
10
300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com