Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441APGF Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 47Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 48Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 49Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 50Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 51Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 52Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 53Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 54Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
Functional Overview
51
December 1999 − Revised October 2008
SPRS122F
Table 3−14. Clock Mode Register (CLKMD) Bit Functions
BIT
NO.
BIT
NAME
FUNCTION
15−12
PLLMUL†
PLL multiplier. PLLMUL defines the frequency multiplier in conjunction with PLLDIV and PLLNDIV. See
Table 3−15.
PLL divider. PLLDIV defines the frequency multiplier in conjunction with PLLMUL and PLLNDIV. See Table 3−15.
11
PLLDIV†
PLLDIV = 0
Means that an integer multiply factor is used
11
PLLDIV†
PLLDIV = 1
Means that a noninteger multiply factor is used
10−3
PLLCOUNT†
PLL counter value. PLLCOUNT specifies the number of input clock cycles (in increments of16 cycles) for the PLL
lock timer to count before the PLL begins clocking the processor after the PLL is started. The PLL counter is a
down-counter, which is driven by the input clock divided by 16; therefore, for every 16 input clocks, the PLL
counter decrements by one.
The PLL counter can be used to ensure that the processor is not clocked until the PLL is locked, so that only valid
clock signals are sent to the device.
2
PLLON/OFF†
PLL on/off. PLLON/OFF enables or disables the PLL part of the clock generator in conjunction with the PLLNDIV
bit (see Table 3−16). Note that PLLON/OFF and PLLNDIV can both force the PLL to run; when PLLON/OFF is
high, the PLL runs independently of the state of PLLNDIV.
1
PLLNDIV
PLLNDIV configures PLL mode when high or DIV mode when low. PLLNDIV defines the frequency multiplier in
conjunction with PLLDIV and PLLMUL. See Table 3−15.
Indicates the PLL mode.
0
STATUS
STATUS = 0
Indicates DIV mode
0
STATUS
STATUS = 1
Indicates PLL mode
† When in DIV mode (PLLSTATUS is low), PLLMUL, PLLDIV, PLLCOUNT, and PLLON/OFF are don’t cares, and their contents are indeterminate.
Table 3−15. Multiplier Related to PLLNDIV, PLLDIV, and PLLMUL
PLLNDIV
PLLDIV
PLLMUL
MULTIPLIER‡
0
x
0−14
0.5
0
x
15
0.25
1
0
0−14
PLLMUL + 1
1
0
15
bypass (multiply by 1)
1
1
0 or even
(PLLMUL + 1)/2
1
1
odd
PLLMUL/4
‡ CLKOUT = CLKIN * Multiplier
Table 3−16. VCO Truth Table
PLLON/OFF
PLLNDIV
VCO STATE
0
0
off
1
0
on
0
1
on
1
1
on
3.2.6.1
PLL Clock Programmable Timer
During the lockup period, the PLL should not be used to clock the 5441. The PLLCOUNT programmable lock
timer provides a convenient method of automatically delaying clocking of the device by the PLL until lock is
achieved.
The PLL lock timer is a counter, loaded from the PLLCOUNT field in the CLKMD register, that decrements from
its preset value to 0. The timer can be preset to any value from 0 to 255, and its input clock is CLKIN divided
by 16. The resulting lockup delay can therefore be set from 0 to 255
× 16 CLKIN cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com